Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F271Z1 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F271Z1
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F271Z1 Datasheet HTML 124Page - STMicroelectronics ST10F271Z1 Datasheet HTML 125Page - STMicroelectronics ST10F271Z1 Datasheet HTML 126Page - STMicroelectronics ST10F271Z1 Datasheet HTML 127Page - STMicroelectronics ST10F271Z1 Datasheet HTML 128Page - STMicroelectronics ST10F271Z1 Datasheet HTML 129Page - STMicroelectronics ST10F271Z1 Datasheet HTML 130Page - STMicroelectronics ST10F271Z1 Datasheet HTML 131Page - STMicroelectronics ST10F271Z1 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 185 page
background image
Known limitations
ST10F271Z1
128/185
24.3
Transmission request disabled (C-CAN module)
Description
The transmission request of a message object may remain disabled (even if the host
immediately enables it again) in the following situations:
1.
if the host disables the pending transmission request of the lowest-priority message
object (number 32 by default) in the short time window during which the message
handler state machine prepares the transmission of the message
2.
if the transmission has not started.
Reading the transmission request bit of this message object does not show that the
transmission request is disabled. This only happens when this message object is the only
one with a pending transmission request.
If the transmission request is blocked in the disabled state, it will be re-enabled by the first
activity detected on the CAN bus or by setting the transmission request of any other
message object.
The other message objects are not affected by this phenomenon.
Workaround
It is usually not necessary to disable the transmission request of a message object. If the
message object is to be used for another message, it is sufficient to prepare the new content
for this message object in the CPU interface register (Identifier, DLC, Data, with TxRqst and
NewDat [optionally TxIE] bits) and to transfer this content into the message object. The new
content is transmitted at the next opportunity. It is not altered by a possibly ongoing
transmission of the previous content of the same message object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com