Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F271Z1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10F271Z1
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10F271Z1 Datasheet HTML 20Page - STMicroelectronics ST10F271Z1 Datasheet HTML 21Page - STMicroelectronics ST10F271Z1 Datasheet HTML 22Page - STMicroelectronics ST10F271Z1 Datasheet HTML 23Page - STMicroelectronics ST10F271Z1 Datasheet HTML 24Page - STMicroelectronics ST10F271Z1 Datasheet HTML 25Page - STMicroelectronics ST10F271Z1 Datasheet HTML 26Page - STMicroelectronics ST10F271Z1 Datasheet HTML 27Page - STMicroelectronics ST10F271Z1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 185 page
background image
Internal Flash memory
ST10F271Z1
24/185
5
Internal Flash memory
5.1
Overview
The on-chip Flash is composed by one matrix module, 128 Kbytes wide.
This module is on ST10 Internal bus, so it is called IFlash
Figure 5.
Flash structure
The programming operations of the Flash are managed by an embedded Flash
Program/Erase Controller (FPEC). The High Voltages needed for Program/Erase operations
are internally generated.
The Data bus is 32-bit wide for fetch accesses to IFlash, while it is 16 bit wide for read
accesses to IFlash. Read/write accesses to IFlash Control Registers area are 16 bit wide.
5.2
Functional description
5.2.1
Structure
The following table shows the Address space reserved to the Flash module.
Note:
1
The ST10F271Z1 being based on the same silicon as the ST10F272, 256 Kbyte of Flash
are implemented on the device. The range 03’0000h - 04’FFFFh is not physically disabled
even if not available for use. Therefore this address range MUST be reserved by the
Flash Control
Bank 0: 128 Kbyte
Program Memory
HV and Ref.
Generator
Program/Erase
Controller
I-BUS Interface
+
8 Kbyte Test-Flash
IFlash
Control Section
Registers
Table 3.
Address space reserved to the Flash module
Description
Addresses
Size
IFlash sectors
0x00 0000 to 0x02 FFFF
128 Kbytes
IFlash reserved sector
1)
0x03 0000 to 0x04 FFFF
128 Kbytes
Reserved IBUS area
2)
0x05 0000 to 0x07 FFFF
192 Kbytes
Registers and Flash internal reserved area
0x08 0000 to 0x08 FFFF
64 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com