Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F271Z1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F271Z1
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F271Z1 Datasheet HTML 31Page - STMicroelectronics ST10F271Z1 Datasheet HTML 32Page - STMicroelectronics ST10F271Z1 Datasheet HTML 33Page - STMicroelectronics ST10F271Z1 Datasheet HTML 34Page - STMicroelectronics ST10F271Z1 Datasheet HTML 35Page - STMicroelectronics ST10F271Z1 Datasheet HTML 36Page - STMicroelectronics ST10F271Z1 Datasheet HTML 37Page - STMicroelectronics ST10F271Z1 Datasheet HTML 38Page - STMicroelectronics ST10F271Z1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 185 page
background image
ST10F271Z1
Internal Flash memory
35/185
5.5
Protection strategy
The protection bits are stored in non-volatile Flash cells inside IFlash module, that are read
once at reset and stored in 4 Volatile registers. Before they are read from the non-volatile
cells, all the available protections are forced active during reset.
The protections can be programmed using the set protection operation (see Flash control
registers paragraph), that can be executed from all the internal or external memories except
from the Flash itself.
Two kind of protections are available: write protections to avoid unwanted writings and
access protections to avoid piracy. In next paragraphs all different level of protections are
shown, and architecture limitations are highlighted as well.
5.5.1
Protection registers
The 4 non-volatile protection registers are one time programmable for the user.
One register (FNVWPIR) is used to store the write protection fuses respectively for each
sector IFlash module. The other three registers (FNVAPR0 and FNVAPR1L/H) are used to
store the access protection fuses.
5.5.2
Flash non-volatile write protection I register
5.5.3
Flash non-volatile access protection register 0
FNVWPIR (0x08 DFB0)
NVR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
reserved
W0P7W0P6W0P5W0P4W0P3W0P2W0P1W0P0
RW
RW
RW
RW
RW
RW
RW
RW
Table 19.
Flash non-volatile write protection I register
Bit
Function
W0P(9:0)
Write protection bank 0 / sectors 9-0 (IFlash)
These bits, if programmed at 0, disable any write access to the sectors of bank 0
(IFlash)
FNVAPR0 (0x08 DFB8)
NVR
Reset value: ACFFh
15
14
13
12
11
10
987
65432
10
reserved
DBGP ACCP
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com