Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL39D Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL39D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL39D Datasheet(HTML) 1 Page - STMicroelectronics

  BUL39D Datasheet HTML 1Page - STMicroelectronics BUL39D Datasheet HTML 2Page - STMicroelectronics BUL39D Datasheet HTML 3Page - STMicroelectronics BUL39D Datasheet HTML 4Page - STMicroelectronics BUL39D Datasheet HTML 5Page - STMicroelectronics BUL39D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BUL39D
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
HIGH RUGGEDNESS
APPLICATIONS
s
ELECTRONIC TRANSFORMERS FOR
HALOGEN LAMPS
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The BUL39D is manufactured using high voltage
Multi Epitaxial Planar technology to enhance
switching speeds while maintaining wide RBSOA.
The BUL series is designed for use in electronics
transformers for halogen lamps.
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
850
V
VCEO
Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC = 0)
9
V
IC
Collector Current
4
A
ICM
Collector Peak Current (tp <5 ms)
8
A
IB
Base Current
2
A
IBM
Base Peak Current (tp <5 ms)
4
A
Ptot
Total Dissipation at Tc = 25
o C70
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
1/6


Similar Part No. - BUL39D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL39D STMICROELECTRONICS-BUL39D Datasheet
199Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Aug-2001
logo
Inchange Semiconductor ...
BUL39D ISC-BUL39D Datasheet
195Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
BUL39D STMICROELECTRONICS-BUL39D_01 Datasheet
199Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Aug-2001
More results

Similar Description - BUL39D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com