Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL39D Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL39D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL39D Datasheet(HTML) 2 Page - STMicroelectronics

  BUL39D Datasheet HTML 1Page - STMicroelectronics BUL39D Datasheet HTML 2Page - STMicroelectronics BUL39D Datasheet HTML 3Page - STMicroelectronics BUL39D Datasheet HTML 4Page - STMicroelectronics BUL39D Datasheet HTML 5Page - STMicroelectronics BUL39D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
1.78
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = rated VCES
VCE = rated VCES
Tj = 125
oC
100
500
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 9 V
100
µA
VCEO(sus)
Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
L = 25 mH
450
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2.5 A
IB = 0.5 A
0.13
0.5
1.1
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2.5 A
IB = 0.5 A
1.1
1.3
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 10 V
IC = 10 mA
VCE = 5 V
4
10
VCEW
Maximum Collector
Emitter Voltage
Without Snubber
IC = 6 A
RBB = 0
Ω
VBB = -2.5 V
L = 50
µH
tp = 10
µs
450
V
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2.5 A
IBon = 0.5 A
VBE(off) = -5 V
RBB = 0
Ω
VCL = 300 V
L = 1 mH
0.7
50
1.5
100
µs
ns
Vf
Diode Forward Voltage
IC = 2 A
1.5
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUL39D
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com