Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD83325L Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD83325L
Description  CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD83325L Datasheet(HTML) 3 Page - Texas Instruments

  CSD83325L Datasheet HTML 1Page - Texas Instruments CSD83325L Datasheet HTML 2Page - Texas Instruments CSD83325L Datasheet HTML 3Page - Texas Instruments CSD83325L Datasheet HTML 4Page - Texas Instruments CSD83325L Datasheet HTML 5Page - Texas Instruments CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4 Specifications
4.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVS1S2
Source-to-source voltage
VGS = 0 V, IS = 250 μA
12
V
IS1S2
Source-to-source leakage current
VGS = 0 V, VS1S2 = 9.6 V
1.0
μA
IGSS
Gate-to-source leakage current
VS1S2 = 0 V, VGS = 10 V
10
µA
VGS(th)
Gate-to-source threshold voltage
VS1S2 = VGS, IS = 250 μA
0.7
1.0
1.4
V
RS1S2(on) Source-to-source on resistance
VGS = 2.5 V, IS = 5 A
12.0
17.5
23.0
mΩ
VGS = 3.8 V, IS = 5 A
8.8
10.9
13.0
mΩ
VGS = 4.5 V, IS = 5 A
7.9
9.9
11.9
mΩ
gfs
Transconductance
VS1S2 = 1.2 V, IS = 5 A
36
S
DYNAMIC CHARACTERISTICS(1)
Ciss
Input capacitance
VGS = 0 V, VS1S2 = 6 V, ƒ = 1 MHz
902
1170
pF
Coss
Output capacitance
187
243
pF
Crss
Reverse transfer capacitance
111
144
pF
Qg
Gate charge total (4.5 V)
VS1S2 = 6 V, IS = 5 A
8.4
10.9
nC
Qgd
Gate charge gate-to-drain
1.9
nC
Qgs
Gate charge gate-to-source
2.2
nC
Qg(th)
Gate charge at Vth
0.6
nC
Qoss
Output charge
VS1S2 = 6 V, VGS = 0 V
2.9
nC
td(on)
Turnon delay time
VS1S2 = 6 V, VGS = 4.5 V,
IS1S2 = 5 A, RG = 0 Ω
205
ns
tr
Rise time
353
ns
td(off)
Turnoff delay time
711
ns
tf
Fall time
589
ns
DIODE CHARACTERISTICS
VF(S-S)
Source-to-source diode forward voltage
ISS = 5 A, VG1S1 = 0 V, VG2S2 = 4.5 V
0.79
1.0
V
(1)
Dynamic characteristics values specified are per single FET.
4.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
150
°C/W
Junction-to-ambient thermal resistance(2)
55
(1)
Device mounted on FR4 material with minimum Cu mounting area.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
www.ti.com
CSD83325L
SLPS494C – NOVEMBER 2014 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD83325L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com