Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP4710LCFQL.B Datasheet(PDF) 31 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 34Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Table 7-3. Color Intensity Combinations (continued)
Red Scale
Value
Green Scale
Value
Blue Scale
Value
Nominal
Landed Duty
Cycle
12%
0%
0%
6/94
0%
35%
0%
7/93
0%
0%
60%
18/82
100%
100%
0%
70/30
0%
100%
100%
50/50
100%
0%
100%
80/20
12%
35%
0%
13/87
0%
35%
60%
25/75
12%
0%
60%
24/76
100%
100%
100%
100/0
The last factor to consider when estimating the landed duty cycle is any applied image processing. In the
DLPC34xx controller family, the two functions which influence the actual landed duty cycle are Gamma and
IntelliBright™, and bitplane sequencing rules.
Gamma is a power function of the form Output_Level = A × Input_LevelGamma, where A is a scaling factor that is
typically set to 1.
In the DLPC34xx controller family, gamma is applied to the incoming image data on a pixel-by-pixel basis. A
typical gamma factor is 2.2, which transforms the incoming data as shown in Figure 7-2.
Figure 7-2. Example of Gamma = 2.2
As shown in Figure 7-2, when the gray scale value of a given input pixel is 40% (before gamma is applied),
then gray scale value is 13% after gamma is applied. Because gamma has a direct impact on the displayed gray
scale level of a pixel, it also has a direct impact on the landed duty cycle of a pixel.
The IntelliBright algorithms content adaptive illumination control (CAIC) and local area brightness boost (LABB)
also apply transform functions on the gray scale level of each pixel.
But while amount of gamma applied to every pixel (of every frame) is constant (the exponent, gamma, is
constant), CAIC and LABB are both adaptive functions that can apply a different amounts of either boost or
compression to every pixel of every frame.
Be sure to account for any image processing which occurs before the controller.
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com