Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP4710LCFQL.B Datasheet(PDF) 8 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Supply voltage
VDD
Supply voltage for LVCMOS core logic(2)
Supply voltage for LPSDR low speed interface
–0.5
2.3
V
VDDI
Supply voltage for SubLVDS receivers(2)
–0.5
2.3
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode(2) (3)
–0.5
11
V
VBIAS
Supply voltage for micromirror electrode(2)
–0.5
19
V
VRESET
Supply voltage for micromirror electrode(2)
–15
0.5
V
| VDDI–VDD |
Supply voltage delta (absolute value)(4)
0.3
V
| VBIAS–
VOFFSET |
Supply voltage delta (absolute value)(5)
11
V
| VBIAS–
VRESET |
Supply voltage delta (absolute value)(6)
34
V
Input voltage
Input voltage for other inputs LPSDR(2)
–0.5
VDD + 0.5
V
Input voltage for other inputs SubLVDS(2) (7)
–0.5
VDDI +
0.5
V
Input pins
| VID |
SubLVDS input differential voltage (absolute value)(7)
810
mV
IID
SubLVDS input differential current
10
mA
Clock frequency
ƒclock
Clock frequency for low speed interface LS_CLK
130
MHz
ƒclock
Clock frequency for high speed interface DCLK
620
MHz
Environmental
TARRAY and
TWINDOW
Temperature – operational (8)
–20
90
°C
Temperature – non-operational(8)
–40
90
°C
TDP
Dew Point Temperature - operating and non-operating (non-
condensing)
81
°C
|TDELTA|
Absolute Temperature delta between any point on the window edge
and the ceramic test point TP1(9)
30
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to the ground terminals (VSS). The following power supplies are all required to operate the DMD:
VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections are also required.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current
draw.
(6)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current
draw.
(7)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. Sub-LVDS differential
inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
The highest temperature of the active array (as calculated by the Section 7.6) or of any point along the Window Edge as defined in
Figure 7-1. The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 7-1 are intended to measure the highest window
edge temperature. If a particular application causes another point on the window edge to be at a higher temperature, that point should
be used.
(9)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 7-1. The window test points TP2, TP3, TP4, and TP5 shown in Figure 7-1 are intended to result in the worst case delta. If a
particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com