Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8802PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8802PWPR
Description  DRV8802 DC Motor Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8802PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8802PWPR Datasheet HTML 4Page - Texas Instruments DRV8802PWPR Datasheet HTML 5Page - Texas Instruments DRV8802PWPR Datasheet HTML 6Page - Texas Instruments DRV8802PWPR Datasheet HTML 7Page - Texas Instruments DRV8802PWPR Datasheet HTML 8Page - Texas Instruments DRV8802PWPR Datasheet HTML 9Page - Texas Instruments DRV8802PWPR Datasheet HTML 10Page - Texas Instruments DRV8802PWPR Datasheet HTML 11Page - Texas Instruments DRV8802PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DRV8802
SLVSAM9D – APRIL 2011 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8802 is an integrated motor driver solution for two brushed DC motors. The device integrates two
NMOS H-bridges, current sense, regulation circuitry, and detailed fault detection. The DRV8802 can be powered
with a supply voltage from 8.2 V to 45 V and is capable of providing an output current up to 1.6-A full-scale.
A PHASE/ENBL interface allows for simple interfacing to the controller circuit. The winding current control allows
the external controller to adjust the regulated current that is provided to the motor. The current regulation is
highly configurable, with two decay modes of operation. Fast and slow decay can be selected depending on the
application requirements.
A low-power sleep mode is included which allows the system to save power when not driving the motor.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com