Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8802PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8802PWPR
Description  DRV8802 DC Motor Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8802PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8802PWPR Datasheet HTML 9Page - Texas Instruments DRV8802PWPR Datasheet HTML 10Page - Texas Instruments DRV8802PWPR Datasheet HTML 11Page - Texas Instruments DRV8802PWPR Datasheet HTML 12Page - Texas Instruments DRV8802PWPR Datasheet HTML 13Page - Texas Instruments DRV8802PWPR Datasheet HTML 14Page - Texas Instruments DRV8802PWPR Datasheet HTML 15Page - Texas Instruments DRV8802PWPR Datasheet HTML 16Page - Texas Instruments DRV8802PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DRV8802
www.ti.com
SLVSAM9D – APRIL 2011 – REVISED DECEMBER 2015
Figure 6. Decay Mode
The DRV8802 supports fast decay and slow decay mode. Slow or fast decay mode is selected by the state of
the DECAY pin - logic low selects slow decay, and logic high sets fast decay mode. Note that the DECAY pin
sets the decay mode for both H-bridges.
DECAY mode also affects the operation of the bridge when it is disabled (by taking the ENBL pin inactive). This
applies if the ENABLE input is being used for PWM speed control of the motor, or if it is simply being used to
start and stop motor rotation.
If the DECAY pin is high (fast decay), when the bridge is disabled, all FETs are turned off and decay current
flows through the body diodes. This allows the motor to coast to a stop.
If the DECAY pin is low (slow decay), both low-side FETs is turned on when ENBL is made inactive. This
essentially shorts out the back EMF of the motor, causing the motor to brake, and stop quickly. The low-side
FETs stays in the ON state even after the current reaches zero.
7.4.4 Blanking Time
After the current is enabled in an H-bridge, the voltage on the xISEN pin is ignored for a fixed period of time
before enabling the current sense circuitry. This blanking time is fixed at 3.75
μs. Note that the blanking time also
sets the minimum on time of the PWM.
7.4.5 nRESET and nSLEEP Operation
The nRESET pin, when driven active low, resets the internal logic. It also disables the H-bridge drivers. All inputs
are ignored while nRESET is active.
Driving nSLEEP low puts the device into a low-power sleep state. In this state, the H-bridges are disabled, the
gate drive charge pump is stopped, the V3P3OUT regulator is disabled, and all internal clocks are stopped. In
this state all inputs are ignored until nSLEEP returns inactive high. When returning from sleep mode, some time
(approximately 1 ms) needs to pass before the motor driver becomes fully operational.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV8802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com