Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728EV Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP4728EV
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728EV Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP4728EV Datasheet HTML 27Page - Microchip Technology MCP4728EV Datasheet HTML 28Page - Microchip Technology MCP4728EV Datasheet HTML 29Page - Microchip Technology MCP4728EV Datasheet HTML 30Page - Microchip Technology MCP4728EV Datasheet HTML 31Page - Microchip Technology MCP4728EV Datasheet HTML 32Page - Microchip Technology MCP4728EV Datasheet HTML 33Page - Microchip Technology MCP4728EV Datasheet HTML 34Page - Microchip Technology MCP4728EV Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 27
1.3.2.12
EXAMPLE 6: SEQUENTIAL WRITE FOR DAC INPUT REGISTERS AND
EEPROM
This command writes to the DAC input registers and EEPROM sequentially from a start
channel to the channel D. The input register is written at the ACK pulse of the input data
byte of each register. However, the EEPROM are written altogether at the same time
sequentially at the end of the last byte. The EEPROM writing activity can be monitored
through the RDY/BSY bit and pin. See the MCP4728 data sheet for details.
Figure 1-18 shows an example of writing a script file on PICkit Serial PC GUI for this
command.
.
FIGURE 1-18:
Writing Script file to write the Channel B to Channel D. This command writes to both
the input registers and EEPROM: (a) Channel B Settings: VREF = VDD and Gain = 1. (b) Channel C
Settings: VREF = Internal (2.048V), Gain = 1. (c) Channel D Settings: VREF = Internal (2.048V), Gain = 2.
The DAC outputs are updated immediately with the ACK pulse. This example uses the UDAC bit to update
the DAC outputs.
1.
To change value:
•
Click this box and
type a new value
2.
To delete or Insert box:
•
Select the box and
right click the mouse
button for options
available
3.
Make sure the listed
parameters in “script
Detail” are in the exact
order as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com