Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728EV Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP4728EV
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728EV Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP4728EV Datasheet HTML 41Page - Microchip Technology MCP4728EV Datasheet HTML 42Page - Microchip Technology MCP4728EV Datasheet HTML 43Page - Microchip Technology MCP4728EV Datasheet HTML 44Page - Microchip Technology MCP4728EV Datasheet HTML 45Page - Microchip Technology MCP4728EV Datasheet HTML 46Page - Microchip Technology MCP4728EV Datasheet HTML 47Page - Microchip Technology MCP4728EV Datasheet HTML 48Page - Microchip Technology MCP4728EV Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
MCP4728 EVALUATION BOARD
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS51837A-page 41
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS
Qty
Reference
Description
Manufacturer
Part Number
4
C1, C3, C4, C5
CAP 1000PF 50V CERAMIC X7R
0603
Panasonic® - ECG
ECJ-1VB1H102K
1
C2
CAP CERAMIC 10UF 6.3V X5R
0603
Panasonic - ECG
ECJ-1VB0J106M
1
D1
LED RED CLEAR 0805 SMD
Lite-On Inc
LTST-C170CKT
1
J1
CONN HEADER 6POS .100 R/A
TIN
Molex®/Waldom® Electron-
ics Corp
22-05-2061
2
JP1, JP2
CONN HEADER 2POS .100 VERT
TIN
Molex/Waldom Electronics
Corp
22-03-2021
1
PCB
RoHS Compliant Bare PCB,
MCP4728 Evaluation board
Microchip Technology Inc.
104-00229
4
R1, R2, R4, R5
RES 4.99K OHM 1/10W 1% 0603
SMD
Panasonic - ECG
ERJ-3EKF4991V
1
R3
RES 470 OHM 1/8W 5% 0805 SMD Panasonic - ECG
ERJ-6GEYJ471V
13
RDY/~BSY,
SCL, SDA,
VDDA, VOUTA,
VOUTB,
VOUTC,
VOUTD, LDAC,
GND
TEST POINT PC COMPACT SMT
Keystone Electronics®
5016
1
S1
SWITCH LIGHT TOUCH 160GF
SMD
Panasonic - ECG
EVQ-PPBA25
1
U1
Microchip Technology Inc.
MCP4728-E/UN
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The
released BOM used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com