Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 23
Figure 1-15:
VOUT for Example 4: Multi-Write Command for Channels A and B with VREF = VDD
and Gain = 1.
V
OUT
V
REF
D
n
×
()
4096
-------------------------------G
x
=
Where:
VREF
=VDD if external VREF is selected
=
2.048V if internal VREF is selected.
Dn
=
Input code
LSB
=
VREF/4096
V
OUTA
V
DD
4095
×
()
4096
----------------------------------
V
DD
4096
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD 1
1
4096
------------
–
⎝⎠
⎛⎞
V
DD
LSB
–
=
=
=
=
In Script file, Dn for Channel A = 0FFF (hex) = 4095 (decimal)
(A) Channel A Output:
Note that Dn and Gain (Gx) must be selected with the following conditions:
V
OUT
V
REF
D
n
×
()
4096
-------------------------------G
x
V
DD
≤
=
(B) Channel B Output:
In Script file, Dn for Channel B = 0800 (hex) = 2048 (decimal)
V
OUTB
V
DD
2048
×
()
4096
----------------------------------
V
DD
2
-----------
=
=
(C) Channel C Output:
No change. The device maintains its output with previous settings.
(D) Channel D Output:
No change. The device maintains its output with previous settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com