Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology MCP4728 Datasheet HTML 14Page - Microchip Technology MCP4728 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 7
1.3
GETTING STARTED WITH PICKIT SERIAL ANALYZER
Figure 1-1 shows the MCP4728 Evaluation Board, and Figure 1-2 shows the
connection of the MCP4728 Evaluation Board and PICkit Serial Analyzer.
The following steps describe how to use them together:
1.
Connect the MCP4728 Evaluation Board’s 6-pin socket to the PICkit Serial
Analyzer as shown in Figure 1-2.
2.
Connect the oscilloscope probes to the SCL and SDA test terminals (optional).
3.
Connect a multimeter to one of the DAC’s output test terminal.
4.
VDD Selection: You can use the VDD from the PICkit Serial Analyzer or use your
own external VDD. The JP1 connector selects the VDD path.
(a) Connect JP1, if using VDD from PICkit Serial Analyzer,
(b) Disconnect JP1 and apply VDD at VDD1 pin, if you are using an external VDD.
• I2C device code of MCP4728: ‘1100’
• A2, A1, A0 Address Bits: Pre-programmed to‘000’.
5.
Connecting VDD: LED D1 turns on when VDD is applied. The PICkit Serial
Analyzer will provide VDD automatically, if it is connected to the PC. Make sure
LED D1 turns on.
6.
Use the PICkit Serial Analyzer PC GUI to send I2C write and read commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com