Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC010N06NM5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ISC010N06NM5
Description  EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC010N06NM5 Datasheet(HTML) 7 Page - Infineon Technologies AG

  ISC010N06NM5 Datasheet HTML 1Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 2Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 3Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 4Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 5Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 6Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 7Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EVAL_AUDAMP25 evaluation board
The EVAL_AUDAMP25 MA5332 evaluation board is a two-
channel, 200 W/ch (4 Ω at ±36.5 V; with heatsink) half-
bridge class D audio power amplifier for Hi-Fi audio sys-
tems. This evaluation board demonstrates how to use
MA5332 IC, implement protection circuits, and design an
optimum PCB layout using Infineon integrated Class D IC.
This reference design does not require additional heatsink
or fan cooling for normal operation (one-eighth of continu-
ous rated power).
Benefits
 Split power supply
 SE/BTL/PSE output
 High audio quality
 Low noise
 High efficiency
Product collaterals / Online support
Board page
User Manual
Safety and operational instructions
Features
 Output power: 200 W x 2 channels (10 percent THD+N, 4 Ω at
±36.5 V)
 Multiple protection features:
 Over-Current Protection (OCP), high-side and low-side
 Over-Voltage Protection (OVP)
 Under-Voltage Protection (UVP), high-side and low-side
 DC Protection(DCP)
 Over-Temperature Protection (OTP)
 PWM modulator: Self-oscillating half-bridge topology with optional
clock synchronization
Target applications
 Audio
Product overview incl. data sheet link
OPN
SP Number
EVALAUDAMP25TOBO1
SP005537889



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com