Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC010N06NM5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ISC010N06NM5
Description  EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC010N06NM5 Datasheet(HTML) 8 Page - Infineon Technologies AG

  ISC010N06NM5 Datasheet HTML 1Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 2Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 3Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 4Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 5Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 6Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 7Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3 kW half bridge induction heating evaluation board with
650 V Reverse Conducting R6 IGBT
This induction heating, half-bridge evaluation board EVAL -
HW65R62EDS06J features the new 650 V reverse-
conducting R6 family of IGBTs, specifically designed for
induction heating and resonant switching applications up
to 100 kHz. The evaluation board demonstrates the func-
tionality and key features of the R6 IGBTs in combination
with the Infineon level-shift EiceDRIVERTM ICs based on the
Infineon SOI technology.
Product collaterals / Online support
Board page
Application note
Video
Features
 Input voltage: 180 – 270 V
dc
 Max auxiliary supply voltage: 20 V
dc
 Nominal output power: 3 kW
 Features the new 650 V reverse-conducting R6 family of IGBTs
Target applications
 Induction cooking
 Inverterized microwaves
Board overview incl data sheet link
OPN
SP Number
EVALIHW65R62EDS06JTOBO1
SP005678248
Benefits
 Easy to measure waveforms of IGBT
 Easy exchange or replacement of resonant coil
 Easy evaluation of different gate driver ICs
 Direct access to the device for thermal measurements
Competitive advantage
 The board is reflecting a typical, state-of-the-art induction cooking
system based on a half-bridge topology
 This evaluation board can be used during design-in, for evaluation
and measurement of characteristics, and proof of data sheet
specifications
 Unique chance to evaluation Infineon reverse-conducting IGBTs
in combination with four different gate driver ICs (EiceDRIVER™
2ED2x families)
Block diagram:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com