Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA260 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA260 Datasheet HTML 8Page - Texas Instruments INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments INA260 Datasheet HTML 15Page - Texas Instruments INA260 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
u
Power Register
Current Register
Voltage Register
Alert Register
I
2C or SMBus
Compatible
Interface
VBUS
ADC
V
I
A0
A1
ALERT
SDA
SCL
VS
IN+
GND
IN-
12
INA260
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA260 is an integrated shunt digital current sense amplifier with an I2C- and SMBus-compatible interface. It
provides digital current, voltage, and power readings necessary for accurate decision-making in precisely-
controlled systems. Programmable registers allow flexible configuration for conversion times as well as
continuous-versus-triggered operation. Detailed register information appears at the end of this data sheet,
beginning with Table 4. See the Functional Block Diagram section for a block diagram of the INA260 device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Integrated Shunt Resistor
The INA260 features a precise, low-drift, current-sensing resistor to allow for precision measurements over the
entire specified temperature range of –40°C to +125°C. The integrated current-sensing resistor ensures
measurement stability over temperature as well as simplifying printed-circuit board (PCB) layout difficulties
common in high precision current sensing measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables accurate
measurements through a force-sense connection. The Kelvin connections to the shunt are done internally
eliminating many of the parasitic impedances commonly found in typical very-low sensing-resistor level
measurements. Although the shunt resistor can be accessed through the IN+ and IN– pins, this resistor is not
intended to be used as a stand-alone component. The INA260 is internally calibrated to ensure that the current-
sensing resistor and current-sensing amplifier are both precisely matched to one another.
The INA260 has approximately 4.5 mΩ of total resistance between the IN+ and IN- pins. 2 mΩ of this total
package resistance is a precisely-controlled resistance from the Kelvin-connected current-sensing resistor used
by the internal analog to digital converter (ADC). The power dissipation requirements of the system and package
are based on the total 4.5-mΩ package resistance. The heat dissipated across the package when current flows
through the device ultimately determines the maximum current that can be safely handled by the package. The
current consumption of the silicon is relatively low, leaving the total package resistance carrying the high load
current as the primary contributor to the total power dissipation of the package. The maximum safe-operating
current level is set to ensure that the heat dissipated across the package is limited so that no damage to the
resistor or the package itself occurs or that the internal junction temperature of the silicon does not exceed a
150°C limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com