Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA260 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA260
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA260 Datasheet HTML 9Page - Texas Instruments INA260 Datasheet HTML 10Page - Texas Instruments INA260 Datasheet HTML 11Page - Texas Instruments INA260 Datasheet HTML 12Page - Texas Instruments INA260 Datasheet HTML 13Page - Texas Instruments INA260 Datasheet HTML 14Page - Texas Instruments INA260 Datasheet HTML 15Page - Texas Instruments INA260 Datasheet HTML 16Page - Texas Instruments INA260 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
0
20
40
60
80
100
0.1
1
10
100
Time (s)
C027
5
7.5
10
12.5
15
17.5
20
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C026
13
INA260
www.ti.com
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
External factors (such as ambient temperature, external air flow, and PCB layout) can contribute to how
effectively the heat developed as a result of the current flowing through the total package resistance can be
removed from within the device. Under the conditions of no air flow, a maximum ambient temperature of 85°C,
and 1-oz. copper input power planes, the INA260 can accommodate continuous current levels up to 15 A. As
shown in Figure 21, the current handling capability is derated at temperatures above the 85°C level with safe
operation up to 10 A at a 125°C ambient temperature. With air flow and larger 2-oz. copper input power planes,
the INA260 can safely accommodate continuous current levels up to 15 A over the entire –40°C to +125°C
temperature range.
Figure 21. Maximum Current vs Temperature
8.3.2 Over-Current Capability
The INA260 features a physical shunt resistance that is able to withstand current levels higher than the
continuous handling limit of 15 A without sustaining damage to the current-sensing resistor or the current-sensing
amplifier if the excursions are very brief. Figure 22 shows the maximum overload current versus time curve for
the INA260.
CAUTION
Operation at or above this curve, Figure 22, can result in device damage or permanent
erroneous current readings.
TA = 25°C
Figure 22. Maximum Overload Current vs Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com