Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7520CDWR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7520CDWR
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520CDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7520CDWR Datasheet HTML 6Page - Texas Instruments ISO7520CDWR Datasheet HTML 7Page - Texas Instruments ISO7520CDWR Datasheet HTML 8Page - Texas Instruments ISO7520CDWR Datasheet HTML 9Page - Texas Instruments ISO7520CDWR Datasheet HTML 10Page - Texas Instruments ISO7520CDWR Datasheet HTML 11Page - Texas Instruments ISO7520CDWR Datasheet HTML 12Page - Texas Instruments ISO7520CDWR Datasheet HTML 13Page - Texas Instruments ISO7520CDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
C = 0.1 F ±1%
IN
V
OH or VOL
OUT
V
CCI
+
–
V
CM
V
CCO
C = 0.1 F ±1%
GNDO
GNDI
S1
+
–
Pass-fail criteria –
output must remain
stable.
C
L
Note A
V
O
OUT
IN = 0
NOTE
A
C
L
V
I
V
OH
V
0 V
t
fs
V
O
V
I
2.7 V
V
OL
50%
FAILSAFE HIGH
CCI
V
CCI
IN
OUT
VO
CL
Input
Generator
50
V
I
W
NOTE A
NOTE
B
1.4 V
1.4 V
tf
tr
10%
90%
0 V
tPLH
t PHL
VOH
VOL
VCCI
V
I
V
O
VCCO/2
VCCO/2
ISO7520C, ISO7521C
SLLSE39E – JUNE 2010 – REVISED MAY 2015
www.ti.com
7 Parameter Measurement Information
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 4. Switching Characteristic Test Circuit and Voltage Waveforms
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 5. Fail-safe Delay Time Test Circuit and Voltage Waveforms
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 6. Common-Mode Transient Immunity Test Circuit
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com