Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7520CDWR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7520CDWR
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520CDWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7520CDWR Datasheet HTML 8Page - Texas Instruments ISO7520CDWR Datasheet HTML 9Page - Texas Instruments ISO7520CDWR Datasheet HTML 10Page - Texas Instruments ISO7520CDWR Datasheet HTML 11Page - Texas Instruments ISO7520CDWR Datasheet HTML 12Page - Texas Instruments ISO7520CDWR Datasheet HTML 13Page - Texas Instruments ISO7520CDWR Datasheet HTML 14Page - Texas Instruments ISO7520CDWR Datasheet HTML 15Page - Texas Instruments ISO7520CDWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ISO7520C, ISO7521C
SLLSE39E – JUNE 2010 – REVISED MAY 2015
www.ti.com
8.3 Feature Description
8.3.1 Insulation Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
Maximum repetitive peak isolation
VIORM
1414
VPEAK
voltage
Method a, After environmental tests subgroup 1,
VPR = VIORM x 1.6, t = 10 s,
2262
Partial discharge < 5 pC
Method b1,
VPR
Input to output test voltage
VPR = VIORM x 1.875, t = 1 s (100% Production test)
2651
VPEAK
Partial discharge < 5 pC
After Input/Output Safety Test Subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
1697
Partial discharge < 5 pC
VIOTM
Maximum Transient Isolation voltage
t = 60 sec (qualification)
6000
VPEAK
VTEST = VISO = 4243 VRMS, t = 60 sec (qualification);
Withstanding Isolation voltage per UL
VISO
VTEST = 1.2 × VISO = 5092 VRMS, t = 1 sec (100%
4243
VRMS
1577
production)
RS
Isolation resistance
VIO = 500 V at TS = 150°C
>109
Ω
Pollution degree
2
8.3.2 IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic Isolation Group
Material Group
II
Rated mains voltages <= 150 Vrms
I - IV
Installation Classification
Rated mains voltages <= 600 Vrms
I - III
Rated mains voltages <= 1000 Vrms
I - II
8.3.3 Package Insulation and Safety-Related Specifications
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal-to-terminal distance through air
8.34
mm
Shortest terminal-to-terminal distance across the
L(I02)
Minimum external tracking (Creepage)
8.1
mm
package surface
Tracking resistance (Comparative Tracking
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
>400
V
Index)
Minimum internal gap (Internal Clearance)
Distance through the insulation
0.014
mm
VIO = 500 V, TA = 25ºC
>1012
RIO
Isolation resistance, input to output(1)
Ω
VIO = 500 V, 100ºC ≤ TA ≤ TA max
>1011
CIO
Barrier capacitance input to output(1)
VIO = 0.4 sin(2πft), f = 1 MHz
2
pF
CI
Input capacitance to ground(2)
VI = VCC/2 + 0.4 sin(2πft), f = 1 MHz, VCC = 5 V
2
pF
(1)
All pins on each side of the barrier tied together creating a 2-terminal device.
(2)
Measured from input pin to ground.
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com