Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7842FDW.B Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7842FDW.B
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842FDW.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7842FDW.B Datasheet HTML 17Page - Texas Instruments ISO7842FDW.B Datasheet HTML 18Page - Texas Instruments ISO7842FDW.B Datasheet HTML 19Page - Texas Instruments ISO7842FDW.B Datasheet HTML 20Page - Texas Instruments ISO7842FDW.B Datasheet HTML 21Page - Texas Instruments ISO7842FDW.B Datasheet HTML 22Page - Texas Instruments ISO7842FDW.B Datasheet HTML 23Page - Texas Instruments ISO7842FDW.B Datasheet HTML 24Page - Texas Instruments ISO7842FDW.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
6.4 Device Functional Modes
Table 6-2 lists the ISO7842 functional modes.
Table 6-2. Function Table
VCCI
VCCO
INPUT
(INx)(2)
OUTPUT
ENABLE
(ENx)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H or open
H
Normal Operation:
A channel output assumes the logic state of its input.
L
H or open
L
Open
H or open
Default
Default mode: When INx is open, the corresponding channel output goes to
its default logic state. Default= High for ISO7842 and Low for ISO7842F.
X
PU
X
L
Z
A low value of Output Enable causes the outputs to be high-impedance
PD
PU
X
H or open
Default
Default mode: When VCCI is unpowered, a channel output assumes the
logic state based on the selected default option. Default= High for IISO7842
and Low for ISO7842F.
When VCCI transitions from unpowered to powered-up, a channel output
assumes the logic state of its input.
When VCCI transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
X
Undetermined
When VCCO is unpowered, a channel output is undetermined (1).
When VCCO transitions from unpowered to powered-up, a channel output
assumes the logic state of its input
(1)
The outputs are undetermined when 1.7V < VCCI, VCCO < 2.25V.
(2)
A strongly driven input signal can weakly power the floating VCC through an internal protection diode and cause undetermined output.
6.4.1 Device I/O Schematics
Input (Device Without Suffix F)
Output
Enable
OUTx
VCCO
~20 W
INx
1.5 MW
985 W
Input (Device With Suffix F)
VCCI
VCCI
VCCI
INx
1.5 MW
985 W
VCCI
VCCI
VCCI VCCI
Enx
2 MW
1970 W
VCCO
VCCO
VCCO VCCO
Copyright © 2016, Texas Instruments Incorporated
Figure 6-3. Device I/O Schematics
www.ti.com
ISO7842, ISO7842F
SLLSEJ0H – OCTOBER 2014 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com