Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7842FDW.B Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7842FDW.B
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842FDW.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7842FDW.B Datasheet HTML 18Page - Texas Instruments ISO7842FDW.B Datasheet HTML 19Page - Texas Instruments ISO7842FDW.B Datasheet HTML 20Page - Texas Instruments ISO7842FDW.B Datasheet HTML 21Page - Texas Instruments ISO7842FDW.B Datasheet HTML 22Page - Texas Instruments ISO7842FDW.B Datasheet HTML 23Page - Texas Instruments ISO7842FDW.B Datasheet HTML 24Page - Texas Instruments ISO7842FDW.B Datasheet HTML 25Page - Texas Instruments ISO7842FDW.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
The ISO7842 device is a high-performance, quad-channel digital isolator with a 5.7kVRMS isolation voltage per
UL 1577. The device comes with enable pins on each side that can be used to put the respective outputs
in high impedance for multi-master driving applications and reduce power consumption. The ISO7842 device
uses single-ended CMOS-logic switching technology. The supply voltage range is from 2.25V to 5.5V for both
supplies, VCC1 and VCC2. When designing with digital isolators, keep in mind that because of the single-ended
design structure, digital isolators do not conform to any specific interface standard and are only intended for
isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is, μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
7.2 Typical Application
Figure 7-1 shows the typical isolated RS-232 interface implementation.
VCC1
VCC2
GND1
GND2
16
14
12
2, 8
9, 15
P3.1
P3.0
UCA0TXD
UCA0RXD
11
15
16
12
4
XOUT
XIN
5
6
2
MSP430F2132
INA
OUTD
1
3
5
4
6
ISO7842
DVss
DVcc
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
13
11
OUTB
INC
IND
16
0.1 F
OUTC
Vcc
GND
15
T1IN
9
11
12
10
C2±
3
R1OUT
T2IN
14
13
5
7
8
VS±
6
4
2
1
R2OUT
VS+
C1+
C1±
C2+
TRS232
4.7 k
4.7 k
R1IN
T1OUT
R2IN
T2OUT
1 F
1 F
1 F
1 F
TxD
RxD
RST
CST
ISOGND
10 F 0.1 F
MBR0520L
MBR0520L
1:2.1
0.1 F
3
1
D2
SN6501
D1
Vcc
4, 5
2
GND
3.3 V
IN
ON
GND
OU
T
1
5
4
3
LP2985-50
3.3 F
10 F
Isolation
Barrier
VIN
5 VISO
2
BP
10 nF
OUTA
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Isolated RS-232 Interface
ISO7842, ISO7842F
SLLSEJ0H – OCTOBER 2014 – REVISED MARCH 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com