Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM64 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM64 Datasheet HTML 12Page - Texas Instruments LM64 Datasheet HTML 13Page - Texas Instruments LM64 Datasheet HTML 14Page - Texas Instruments LM64 Datasheet HTML 15Page - Texas Instruments LM64 Datasheet HTML 16Page - Texas Instruments LM64 Datasheet HTML 17Page - Texas Instruments LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
6.3.6 Open-Drain Outputs, Inputs, and Pull-Up Resistors
The SMBDAT, ALERT, T_Crit, GPIO and PWM open-drain outputs and the GPD, TACH, and A0 inputs are
pulled-up by pull-up resistors to VDDas suggested in the table below.
Pin Name
Pin Number
Suggested Pull-up Resistor
Range
Typical
SMBCLK
17
1 kΩ to 2 kΩ
1.5 kΩ
SMBDAT
16
1 kΩ to 2 kΩ
1.5 kΩ
ALERT
14
1 kΩ to 5 kΩ
3 kΩ
T_Crit
8
1 kΩ to 5 kΩ
3 kΩ
A0
12
5 kΩ to 20 kΩ
10 kΩ
GPIOx
1-3;18,19
5 kΩ to 20 kΩ
10 kΩ
GPDx
20-24
5 kΩ to 20 kΩ
10 kΩ
PWM
4
See (1)
See (1)
TACH
15
1 kΩ to 5 kΩ
3 kΩ
(1)
Depends on the fan drive circuitry connected to this pin. In the absence of fan control circuitry use a
1 kΩ pull-up resistor to VDD.
6.3.7 Diode Fault Detection
The LM64 can detect fault conditions caused by the remote diode. If the D+ pin is detected to be shorted to
VDD, or open: (1) the Remote Temperature High Byte (RTHB) register is loaded with 127°C, (2) the Remote
Temperature Low Byte (RTLB) register is loaded with 0, and (3) the OPEN bit (D2) in the status register is set.
Therefore, if the Remote T_CRIT setpoint register (RCS): (1) is set to a value less than +127°C and (2) the
ALERT Mask is disabled, then the ALERT output pin will be pulled low. If the Remote High Setpoint High Byte
(RHSHB) is set to a value less than +127°C and (2) the ALERT Mask is disabled, then the ALERT and T_Crit
outputs will be pulled low. The OPEN bit by itself will not trigger an ALERT.
If the D+ pin is shorted to either ground or D−, then the Remote Temperature High Byte (RTHB) register is
loaded with −128°C (1000 0000) and the OPEN bit in the ALERT Status Register will not be set. A temperature
reading of −128°C indicates that D+ is shorted to either ground or D-. If the value in the Remote Low Setpoint
High Byte (RLSHB) Register is more than −128°C and the ALERT Mask is Disabled, ALERT will be pulled low.
6.3.8 Communicating with the LM64
Each data register in the LM64 falls into one of four types of user accessibility:
1. Read Only
2. Write Only
3. Read/Write same address
4. Read/Write different address
A Write to the LM64 is comprised of an address byte and a command byte. A write to any register requires one
data byte.
Reading the LM64 Registers can take place after the requisite register setup sequence takes place. See Section
7.1.3.1.
The data byte has the Most Significant Bit (MSB) first. At the end of a read, the LM64 can accept either
Acknowledge or No-Acknowledge from the Master. Note that the No-Acknowledge is typically used as a signal
for the slave indicating that the Master has read its last byte.
6.3.9 Digital Filter
The LM64 incorporates a user-configured digital filter to suppress erroneous Remote Temperature readings due
to noise. The filter is accessed in the Remote Diode Temperature Filter and Comparator Mode Register. The
filter can be set according to the following table.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com