Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM64 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments LM64 Datasheet HTML 11Page - Texas Instruments LM64 Datasheet HTML 12Page - Texas Instruments LM64 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Table 5-1.
Pin Name
Pin #
D1
D2
D3
D4
D5
D6
R1
SNP
ESD CLAMP
GPIO1
1
X
X
X
GPIO2
2
X
X
X
GPIO3
3
X
X
X
PWM
4
X
X
X
VDD
5
X
D+
6
X
X
X
X
X
X
D−
7
X
X
X
X
X
X
T_Crit
8
X
X
X
X
A0
12
X
ALERT
14
X
X
X
X
TACH
15
X
X
X
SMBDAT
16
X
X
X
SMBCLK
17
X
GPIO5
18
X
X
X
GPIO4
19
X
X
X
GPD1
20
X
GPD2
21
X
GPD3
22
X
GPD4
23
X
GPD5
24
X
SNP
V+
GND
D1
D2
D4
D3
R1
ESD
Clamp
D5
D6
I/O
SNP = NMOS Snapback
Figure 5-2. ESD Protection Input Structure
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com