Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM87 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM87 Datasheet HTML 17Page - Texas Instruments LM87 Datasheet HTML 18Page - Texas Instruments LM87 Datasheet HTML 19Page - Texas Instruments LM87 Datasheet HTML 20Page - Texas Instruments LM87 Datasheet HTML 21Page - Texas Instruments LM87 Datasheet HTML 22Page - Texas Instruments LM87 Datasheet HTML 23Page - Texas Instruments LM87 Datasheet HTML 24Page - Texas Instruments LM87 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
Internal Temperature Measurement
The LM87 internal temperature is monitored using a junction type temperature sensor.
Remote Temperature Measurement
The LM87 monitors the temperature of remote semiconductor devices using the p-n junction temperature sensing
principal. Up to two remote IC, diode or bipolar transistor temperatures can be monitored. The remote
measurement channels have been optimized to measure the remote diode of a Pentium II processor. A discrete
diode or bipolar transistor can also be used to sense the temperature of external objects or ambient air. The
2N3904 NPN transistor base emitter junction performs well in this type of application. When using a 2N3904, the
collector should be connected to the base to provide a device that closely approximates the characteristics of the
Pentium II PNP monitoring diode.
When using two external 2N3904 sensors, the D
− inputs should be connected together. This provides the best
possible accuracy by compensating for differences between the 2N3904 and Pentium II sensors.
During each conversion cycle, the remote monitoring inputs perform an external diode fault detection sequence.
If the D+ input is shorted to VCC or floating then the temperature reading will be +127°C, and bit 6 or bit 7 of
Interrupt Status Register 2 will be set. If D+ is shorted to GND or D
−, the temperature reading will be 0°C and bit
6 or 7 of Interrupt Status Register 2 will not be set.
Accuracy Effects of Diode Non-Ideality Factor
The technique used in today's remote temperature sensors is to measure the change in VBE at two different
operating points of a diode. For a bias current ratio of N:1, this difference is given as:
where
η is the non-ideality factor of the process the diode is manufactured on,
q is the electron charge,
k is the Boltzmann's constant,
N is the current ratio,
T is the absolute temperature in °K.
(4)
The temperature sensor then measures
ΔVBE and converts to digital data. In this equation, k and q are well
defined universal constants, and N is a parameter controlled by the temperature sensor. The only other
parameter is
η, which depends on the diode that is used for measurement. Since ΔVBE is proportional to both η
and T, the variations in
η cannot be distinguished from variations in temperature. Since the non-ideality factor is
not controlled by the temperature sensor, it will directly add to the inaccuracy of the sensor. For the Pentium II
Intel specifies a ±1% variation in
η from part to part. As an example, assume a temperature sensor has an
accuracy specification of ±3°C at room temperature of 25°C and the process used to manufacture the diode has
a non-ideality variation of ±1%. The resulting accuracy of the temperature sensor at room temperature will be:
TACC = ± 3°C + (±1% of 298°K) = ±6°C
(5)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com