Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 50 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 50 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 46Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 47Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 48Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 49Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 50Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 51Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 52Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 53Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 54Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 234 page
background image
Recovery rectifiers
Recovery rectifiers
Types in
bold represent new products
Automotive-qualified
Package
CFP5
(SOD128)
CFP3
(SOD123W)
CFP15B
(SOT1289B)
Size (mm)
3.8 x 2.5 x 1.0
2.6 x 1.7 x 1.0
5.8 x 4.3 x 0.95
P
tot (mW) @ 1cm²
1050
950
2150
200
0.93
1
0.2
200
25
PNE20010ER
0.98
2
0.2
200
25
PNE20020ER
0.95
2
1
200
25
PNE20020EP
0.98
3
1
200
30
PNE20030EP
0.94
2x3
1
200
30
PNE20060CPE
0.95
2x4
1
200
30
PNE20080CPE
0.95
2x5
1
200
30
PNE200100CPE
400
1.1
1
1
400
1800
PNS40010ER
bra036
bra036
Recovery time indicator:
PNE - hyperfast recovery time
PNU - ultrafast recovery time
PNS - standard recovery time
Max. reverse voltage:
200 = 200 V
400 = 400 V
600 = 600 V
configuration:
E = single
C = dual common cathode
Cont. Forward current:
10 = 1.0 A
20 = 2.0 A
50 = 5.0 A
100 = 10.0 A
Package indicator:
R = CFP3 (SOD123W)
P = CFP5 (SOD128)
PE = CFP15B (SOT1289B)
PNE 200 10 E R
Nomenclature recovery rectifiers automotive grade types
aaa-030081
A1
A2
CC
Nexperia selection guide 2020
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com