Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 22 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 22 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 18Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 19Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 20Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 21Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 22Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 23Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 24Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 25Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 26Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
General purpose bipolar transistors
Automotive-qualified
Package
SOT223
(SC-73)
SOT89
(SC-62)
SOT457
(SC-74)
SOT23
SOT323
(SC-70)
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
P
tot (mW)
1700
1300
750
250
200
Polarity
V
CEO (V)
I
C (mA)
h
FE min
h
FE max
f
T min
(MHz)
NPN
140
300
60
250
100
PMBT5550
PMST5550
160
300
80
250
100
PMBT5551 / BSR19A
PMST5551
250
100
50
60
BF722
BF622
BF822
300
100
50
60
BF720
BF620
BF820
BF820W
40
50
PZTA42
PXTA42
PMBTA42
PMSTA42
350
100
40
70
BSP19
BST39
400
300
50
200
20
PZTA44
PMBTA44
PNP
100
100
30
50
BSS63
250
100
50
60
BF723
50
60
BF623
BF823
300
100
50
60
BF621
BF821
40
50
PZTA92
PXTA92
PMBTA92
PMSTA92
2 x NPN
300
100
40
50
PMBTA42DS
For high-voltage transistors with increased performance please refer to our high-voltage low V
CEsat transistor portfolio on page 23.
High voltage transistors
M3D109
General Purpose Power Transistors
Package
DPAK
(SOT428C)
Size (mm)
6.1 x 6.6
P
tot (mW)
1750
V
CEO (V)
I
C (A)
h
FE min
hfe max
ft min MHZ
Polarity
Automotive-
qualified
80
8
60
-
160
NPN
No
MJD44H11
PNP
No
MJD45H11
NPN
Yes
MJD44H11A
PNP
Yes
MJD45H11A
100
3
10
50
3
NPN
No
MJD31C
PNP
No
MJD32C
NPN
Yes
MJD31CA
PNP
Yes
MJD32CA
Nexperia selection guide 2020
22
Nexperia selection guide 2018
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com