Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 117 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 117 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 113Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 114Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 115Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 116Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 117Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 118Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 119Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 120Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 121Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 234 page
background image
Automotive analog & logic ICs
Digital multiplexers
Type number
Description
Features
Package (suffix)
74AHC157-Q100
Quad 2-input multiplexer
2.0 - 5.5
± 8
3.2
-40 to 125
•
•
•
74AHCT157-Q100
Quad 2-input multiplexer; TTL-enabled
4.5 - 5.5
± 8
3.2
-40 to 125
•
•
•
74AHC257-Q100
Quad 2-input multiplexer (3-State)
2.0 - 5.5
± 8
2.9
-40 to 125
•
•
74AHCT257-Q100
Quad 2-input multiplexer; TTL-enabled (3-State)
4.5 - 5.5
± 8
3.7
-40 to 125
•
•
74HC151-Q100
8-input multiplexer
2.0 - 6.0
± 5.2
17
-40 to 125
•
•
74HCT151-Q100
8-input multiplexer; TTL-enabled
4.5 - 5.5
± 4
19
-40 to 125
•
•
74HC153-Q100
Dual 4-input multiplexer
2.0 - 6.0
± 5.2
17
-40 to 125
•
•
74HCT153-Q100
Dual 4-input multiplexer; TTL-enabled
4.5 - 5.5
± 4
19
-40 to 125
•
•
74HC157-Q100
Quad 2-input multiplexer
2.0 - 6.0
± 5.2
11
-40 to 125
•
•
•
74HCT157-Q100
Quad 2-input multiplexer; TTL-enabled
4.5 - 5.5
± 4
13
-40 to 125
•
•
•
74HC251-Q100
8-input multiplexer (3-State)
2.0 - 6.0
± 5.2
18
-40 to 125
•
•
74HCT251-Q100
8-input multiplexer; TTL-enabled (3-State)
4.5 - 5.5
± 4
22
-40 to 125
•
•
74HC253-Q100
Dual 4-input multiplexer (3-State)
2.0 - 6.0
± 7.8
17
-40 to 125
•
74HCT253-Q100
Dual 4-input multiplexer; TTL-enabled (3-State)
4.5 - 5.5
± 6
17
-40 to 125
•
74HC257-Q100
Quad 2-input multiplexer (3-State)
2.0 - 6.0
± 7.8
11
-40 to 125
•
•
74HCT257-Q100
Quad 2-input multiplexer; TTL-enabled (3-State)
4.5 - 5.5
± 6
13
-40 to 125
•
•
74LVC157A-Q100
Quad 2-input multiplexer
1.2 - 3.6
± 24
2.5
-40 to 125
•
•
•
Flip-flops
Type number
Description
Features
Package (suffix)
74AHC74-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger
2.0 - 5.5
± 8
3.7
-40 to 125
•
•
•
74AHCT74-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 8
3.3
-40 to 125
•
•
•
74AHC273-Q100
Octal D-type flip-flop with reset;
positive-edge trigger
2.0 - 5.5
± 8
4.2
-40 to 125
•
•
•
74AHCT273-Q100
Octal D-type flip-flop with reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 8
4.0
-40 to 125
•
•
•
74AHC374-Q100
Octal D-type flip-flop;
positive-edge trigger
2.0 - 5.5
± 8
4.4
-40 to 125
•
•
74AHCT374-Q100
Octal D-type flip-flop; positive-edge trigger
(3-state); TTL-enabled (3-state)
4.5 - 5.5
± 8
4.3
-40 to 125
•
•
74AHC377-Q100
Octal D-type flip-flop with data enable;
positive-edge trigger
2.0 - 5.5
± 8
3.9
-40 to 125
•
74AHCT377-Q100
Octal D-type flip-flop with data enable;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 8
4.0
-40 to 125
•
•
74AVC16374-Q100
16-bit D-type flip-flop;
positive-edge trigger (3-state)
1.2 - 3.6
± 12
1.5
-40 to 85
•
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com