Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 143 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 143 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 140Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 141Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 142Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 234 page
background image
Schmitt-triggers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74AUP2G98
Dual configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.9
30
70
2
-40 to 125
74AUP3G14
Triple inverter Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
2.4
30
70
3
-40 to 125
74AUP3G17
Triple Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
2.4
30
70
3
-40 to 125
74AXP1G14
Single inverter Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
2.9
5
70
1
-40 to 85
74AXP1G17
Single buffer Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
2.8
5
70
1
-40 to 85
74AXP1G57
Configurable gate; Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
4.6
5
70
1
-40 to 85
74AXP1G58
Configurable gate; Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
4.5
5
70
1
-40 to 85
74AXP1G97
Configurable gate; Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
4.5
5
70
1
-40 to 85
74AXP1G98
Configurable gate; Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
4.5
5
70
1
-40 to 85
74AXP1T14
Dual-supply Schmitt-trigger inverter
0.75 - 2.75
CMOS
±12
4.9
5
45
1
-40 to 125
74AXP1T57
Single dual-supply translating configurable gate;
Schmitt-trigger inputs
0.75 - 2.75
CMOS
±12
4.8
5
45
1
-40 to 125
74AXP2G14
Dual inverter Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
2.9
5
70
2
-40 to 85
74AXP2G17
Dual buffer Schmitt-trigger
0.7 - 2.75
CMOS
±4.5
2.8
5
70
1
-40 to 85
74HC132
Quad 2-input NAND gate Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
11
50
36
4
-40 to 125
74HC14
Hex inverter Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
12
50
36
6
-40 to 125
74HC1G14
Single inverter Schmitt-trigger
2.0 - 6.0
CMOS
±2.6
10
50
36
1
-40 to 125
74HC2G14
Dual inverter Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
16
50
36
2
-40 to 125
74HC2G17
Dual buffer Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
12
50
36
2
-40 to 125
74HC3G14
Triple inverter Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
16
50
36
3
-40 to 125
74HC7014
Hex buffer precision Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
27
50
36
6
-40 to 125
74HC7540
Octal inverter/line driver Schmitt-trigger (3-state)
2.0 - 6.0
CMOS
±7.8
11
50
36
8
-40 to 125
74HC7541
Octal buffer/line driver Schmitt-trigger (3-state)
2.0 - 6.0
CMOS
±7.8
11
50
36
8
-40 to 125
74HC9114
9-bit inverter Schmitt-trigger; open drain (3-state)
2.0 - 6.0
CMOS
5.2
12
50
36
9
-40 to 125
74HC9115
9-bit buffer Schmitt-trigger; open drain (3-state)
2.0 - 6.0
CMOS
5.2
12
50
36
9
-40 to 125
74HCT132
Quad 2-input NAND gate Schmitt-trigger;
TTL- enabled
4.5 - 5.5
TTL
±4
17
50
36
4
-40 to 125
74HCT14
Hex inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4
17
50
36
6
-40 to 125
74HCT1G14
Single inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±2.0
15
50
36
1
-40 to 125
74HCT2G14
Dual inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4.0
21
50
36
2
-40 to 125
74HCT2G17
Dual buffer Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4.0
21
50
36
2
-40 to 125
74HCT3G14
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4.0
21
50
36
3
-40 to 125
74HCT7540
Octal inverter/line driver Schmitt-trigger;
TTL- enabled (3-state)
4.5 - 5.5
TTL
±6
16
50
36
8
-40 to 125
Asynchronous interface analog & logic ICs
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com