Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 152 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 152 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 234 page
background image
I/O expansion
Shift Registers
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability (mA)
t
pd (ns)
f
max (MHz)
Number
of bits
T
amb (°C)
74HC194
4-bit bidIRectional parallel or serial-in/parallel-out shift
register
2.0 - 6.0
CMOS
+/- 5.2
14
102
4
-40 to 125
74AHC164
8-bit serial-in/parallel-out shift register
2.0 - 5.5
CMOS
+/- 8
4.5
115
8
-40 to 125
74AHCT164
8-bit serial-in/parallel-out shift register; TTL enabled
4.5 - 5.5
TTL
+/- 8
3.4
115
8
-40 to 125
74AHC594
8-bit serial-in/parallel-out shift register with output
storage register
2.0 - 5.5
CMOS
+/- 8
4.1
160
8
-40 to 125
74AHCT594
8-bit serial-in/parallel-out shift register with output
storage register; TTL enabled
4.5 - 5.5
TTL
+/- 8
3.8
160
8
-40 to 125
74AHC595
8-bit serial-in/parallel-out shift register with output
storage register (3-state)
2.0 - 5.5
CMOS
+/- 8
4
170
8
-40 to 125
74AHCT595
8-bit serial-in/parallel-out shift register with output
storage register; TTL enabled (3-state)
4.5 - 5.5
TTL
+/- 8
3.8
170
8
-40 to 125
74HC299
8-bit universal shift register (3-state)
2.0 - 6.0
CMOS
+/- 7.8
19
54
8
-40 to 125
Digital Multiplexers
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability (mA)
Output Load
C
L (pF)
t
pd (ns)
T
amb (°C)
74AHC157
Quad 2-input multiplexer
2.0 - 5.5
CMOS
±8
50
3.2
-40 to 125
74AHC257
Quad 2-input multiplexer (3-state)
2.0 - 5.5
CMOS
±8
50
2.9
-40 to 125
74AHCT157
Quad 2-input multiplexer;
TTL- enabled
4.5 - 5.5
TTL
±8
50
3.2
-40 to 125
74AHCT257
Quad 2-input multiplexer;
TTL- enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.7
-40 to 125
74AUP1G157
Single 2-input multiplexer
1.1 - 3.6
CMOS
±1.9
30
3.2
-40 to 125
74AUP1G158
Single 2-input multiplexer; inverting
1.1 - 3.6
CMOS
±1.9
30
3.2
-40 to 125
74AUP2G157
Single 2-input multiplexer
1.1 - 3.6
CMOS
±1.9
30
3.4
-40 to 125
74AXP1G157
Single 2-input multiplexer
0.7 - 2.75
CMOS
±4.5
5
2.7
-40 to 85
74HC151
8-input multiplexer
2.0 - 6.0
CMOS
±5.2
50
17
-40 to 125
74HC153
Dual 4-input multiplexer
2.0 - 6.0
CMOS
±5.2
50
17
-40 to 125
74HC157
Quad 2-input multiplexer
2.0 - 6.0
CMOS
±5.2
50
11
-40 to 125
74HC158
Quad 2-input multiplexer; inverting
2.0 - 6.0
CMOS
±5.2
50
12
-40 to 125
74HC251
8-input multiplexer (3-state)
2.0 - 6.0
CMOS
±5.2
50
18
-40 to 125
74HC253
Dual 4-input multiplexer (3-state)
2.0 - 6.0
CMOS
±7.8
50
17
-40 to 125
74HC257
Quad 2-input multiplexer (3-state)
2.0 - 6.0
CMOS
±7.8
50
11
-40 to 125
74HCT151
8-input multiplexer; TTL-enabled
4.5 - 5.5
TTL
±4
50
19
-40 to 125
74HCT153
Dual 4-input multiplexer; TTL-enabled
4.5 - 5.5
TTL
±4
50
19
-40 to 125
74HCT157
Quad 2-input multiplexer;
TTL- enabled
4.5 - 5.5
TTL
±4
50
13
-40 to 125
74HCT251
8-input multiplexer; TTL-enabled
(3-state)
4.5 - 5.5
TTL
±4
50
22
-40 to 125
74HCT253
Dual 4-input multiplexer;
TTL- enabled (3-state)
4.5 - 5.5
TTL
±6
50
17
-40 to 125
74HCT257
Quad 2-input multiplexer;
TTL- enabled (3-state)
4.5 - 5.5
TTL
±6
50
13
-40 to 125
74LVC157A
Quad 2-input multiplexer
1.2 - 3.6
CMOS/LVTTL
±24
50
2.5
-40 to 125
74LVC1G157
Single 2-input multiplexer
1.65 - 5.5
CMOS/LVTTL
±32
50
2.2
-40 to 125
74LVC257A
Quad 2-input multiplexer (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.4
-40 to 125
Nexperia selection guide 2020
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com