Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 158 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 158 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 157Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 158Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 159Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 160Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 161Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 234 page
background image
Synchronous interface analog & logic ICs
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
T
amb (°C)
74HC40105
4-bit x 16-word FIFO register
2.0 - 6.0
CMOS
±5.2
15
50
30
-40 to 125
FIFO registers
Counters/frequency dividers
Type number
Description
V
CC
(V)
Output drive
capability
(mA)
Logic
switching
levels
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
T
amb (°C)
74AHC1G4208
08-stage divider and oscillator
2.0 - 5.5
±8
CMOS
14
15
165
-40 to 125
74AHC1G4210
10-stage divider and oscillator
2.0 - 5.5
±5.2
CMOS
17
15
125
-40 to 125
74AHC1G4212
12-stage divider and oscillator
2.0 - 5.5
±5.2
CMOS
20
15
125
-40 to 125
74AHC1G4214
14-stage divider and oscillator
2.0 - 5.5
±5.2
CMOS
23
15
125
-40 to 125
74AHC1G4215
14-stage divider and oscillator
2.0 - 5.5
± 8
CMOS
24
15
165
-40 to 125
74HC160
Presettable synchronous BCD decade counter;
asynchronous reset
2.0 - 6.0
±5.2
CMOS
18
50
55
-40 to 125
74HC161
Presettable synchronous 4-bit binary counter;
asynchronous reset
2.0 - 6.0
±5.2
CMOS
19
50
48
-40 to 125
74HCT161
Presettable synchronous 4-bit binary counter;
asynchronous reset; TTL-enabled
4.5 - 5.5
±4.0
TTL
20
50
41
-40 to 125
74HCT163
Presettable synchronous 4-bit binary counter;
synchronous reset; TTL-enabled
4.5 - 5.5
±4.0
TTL
20
50
50
-40 to 125
74HC191
Presettable synchronous 4-bit binary up/down counter
2.0 - 6.0
±5.2
CMOS
22
50
36
-40 to 125
74HC193
Presettable synchronous 4-bit binary up/down counter;
separate up/down clocks
2.0 - 6.0
±5.2
CMOS
20
50
49
-40 to 125
74HCT193
Presettable synchronous 4-bit binary up/down counter;
separate up/down clocks; TTL-enabled
4.5 - 5.5
±4.0
TTL
20
50
43
-40 to 125
74HC390
Dual decade ripple counter
2.0 - 6.0
±5.2
CMOS
14
50
60
-40 to 125
74HCT390
Dual decade ripple counter; TTL-enabled
4.5 - 5.5
±4.0
TTL
18
50
55
-40 to 125
74HC393
Dual 4-bit binary ripple counter
2.0 - 6.0
±5.2
CMOS
12
50
107
-40 to 125
74HCT393
Dual 4-bit binary ripple counter; TTL-enabled
4.5 - 5.5
±4.0
TTL
20
50
53
-40 to 125
74HC4017
Johnson decade counter with 10 decoded outputs
2.0 - 6.0
±5.2
CMOS
18
50
77
-40 to 125
74HCT4017
Johnson decade counter with 10 decoded outputs;
TTL-enabled
4.5 - 5.5
±4.0
TTL
21
50
67
-40 to 125
74HC4020
14-stage binary ripple counter
2.0 - 6.0
±5.2
CMOS
11
50
52
-40 to 125
74HCT4020
14-stage binary ripple counter; TTL-enabled
4.5 - 5.5
±4.0
TTL
15
50
52
-40 to 125
74HC4040
12-stage binary ripple counter
2.0 - 6.0
±5.2
CMOS
14
50
90
-40 to 125
74HCT4040
12-stage binary ripple counter; TTL-enabled
4.5 - 5.5
±4.0
TTL
16
50
79
-40 to 125
74HC4060
14-stage binary ripple counter with oscillator
2.0 - 6.0
±5.2
CMOS
31
50
95
-40 to 125
74HCT4060
14-stage binary ripple counter with oscillator; TTL-enabled
4.5 - 5.5
±4.0
TTL
31
50
88
-40 to 125
74HC4520
Dual 4-bit synchronous binary counter
2.0 - 6.0
±5.2
CMOS
24
50
64
-40 to 125
74HCT4520
Dual 4-bit synchronous binary counter; TTL-enabled
4.5 - 5.5
±4.0
TTL
24
50
64
-40 to 125
74HC5555
Programmable delay timer with oscillator
2.0 - 6.0
-0.8
CMOS
89
50
24
-40 to 125
74HC6323
Programmable ripple counter with oscillator (3-state)
2.0 - 6.0
±7.8
CMOS
17
50
100
-40 to 125
74HCT6323
Programmable ripple counter with oscillator (3-state);
TTL-enabled
4.5 - 5.5
±4.0
TTL
17
50
85
-40 to 125
74HC40103
8-bit synchronous binary down counter
2.0 - 6.0
±5.2
CMOS
15
50
14
-40 to 125
74HC4024
7-stage binary ripple counter
2.0 - 6.0
±5.2
CMOS
14
50
90
-40 to 125
74HC590
8-bit binary counter with output register (3-state)
2.0 - 6.0
±5.2
CMOS
19
50
61
-40 to 125
74LV393
Dual 4-bit binary ripple counter
1.0 - 3.6
±6
TTL
12
50
90
-40 to 125
74LV4020
14-stage binary ripple counter
1.0 - 5.5
±6
TTL
16
50
100
-40 to 125
74LV4060
14-stage binary ripple counter with oscillator
1.0 - 5.5
±6
TTL
29
50
100
-40 to 125
Types in
bold represent new products
Nexperia selection guide 2020
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com