Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035CMH/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5035CMH/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CMH/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5035CMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 23Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 24Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 25Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 26Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 27Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 28Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
CBOOST =
Qg
VCC
20 x
LM5035C
CS
LO
AGND
R1
HO
Q1
Q2
Current
Sense
Power
Transformer
RF
CF
VIN
VPWR
Copyright © 2016, Texas Instruments Incorporated
25
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 19. Current Sense Using Current Sense Resistor (R1)
If the current sense resistor method is used, the overcurrent condition will only be sensed while LO is driving the
low-side MOSFET. Overcurrent while HO is driving the high-side MOSFET will not be detected. In this
configuration, it will take 4 times as long for continuous cycle-by-cycle current limiting to initiate a restart event
since each over-current event during LO enables the 22-µA RES pin current source for one oscillator period, and
then the lack of an overcurrent event during HO enables the 12-µA RES pin current sink for one oscillator period.
The time average of this toggling is equivalent to a continuous 5-µA current source into the RES capacitor,
increasing the delay by a factor of four. The value of the RES capacitor can be reduced to decrease the time
before restart cycle is initiated.
When using the resistor current sense method, an imbalance in the input capacitor voltages may develop when
operating in cycle-by-cycle current limiting mode. If the imbalance persists for an extended period, excessive
currents in the non-sensed MOSFET, and possible transformer saturation may result. This condition is inherent
to the half-bridge topology operated with cycle-by-cycle current limiting and is compounded by only sensing in
one leg of the half-bridge circuit. The imbalance is greatest at large duty cycles (low input voltages). If using this
method, TI recommends that the capacitor on the RES pin be no larger than 220 pF. Check the final circuit and
reduce the RES capacitor further, or omit the capacitor completely to ensure the voltages across the bridge
capacitors remain balanced. The current limit value may decrease slightly as the RES capacitor is reduced.
9.2.2.4 HO, HB, HS, and LO
Attention must be given to the PC board layout for the low-side driver and the floating high-side driver pins HO,
HB, and HS. A low ESR/ESL capacitor (such as a ceramic surface mount capacitor) should be connected close
to the LM5035C, between HB and HS to provide high peak currents during turnon of the high-side MOSFET. The
capacitor should be large enough to supply the MOSFET gate charge (Qg) without discharging to the point
where the drop in gate voltage affects the MOSFET RDS(ON). TI recommends a value ten to twenty times Qg.
(6)
The diode (DBOOST) that charges CBOOST from VCC when the low-side MOSFET is conducting should be capable
of withstanding the full converter input voltage range. When the high-side MOSFET is conducting, the reverse
voltage at the diode is approximately the same as the MOSFET drain voltage because the high-side driver is
boosted up to the converter input voltage by the HS pin, and the high-side MOSFET gate is driven to the HS
voltage plus VCC. Because the anode of DBOOST is connected to VCC, the reverse potential across the diode is
equal to the input voltage minus the VCC voltage. DBOOST average current is less than 20 mA in most
applications, so TI recommends a low-current ultra-fast recovery diode to limit the loss due to diode junction
capacitance. Schottky diodes are also a viable option, particularly for lower input voltage applications, but
attention must be paid to leakage currents at high temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com