Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5064PMH/NOPB Datasheet(PDF) 53 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 53 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 53Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 54Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 55Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 56Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
SCL
VIH
VIL
VIH
VIL
P
S
S
P
SDA
tHD;DAT
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tBUF
tLOW
tR
tF
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
SMBUS COMMUNICATIONS TIMING REQUIREMENTS
Figure 20. SMBus Timing Diagram
Table 45. SMBus Timing Definition
Symbol
Parameter
Limits
Units
Comments
Min
Max
FSMB
SMBus Operating Frequency
10
400
kHz
TBUF
Bus free time between Stop and Start Condition
1.3
µs
THD:STA
Hold time after (Repeated) Start Condition. After this
0.6
µs
period, the first clock is generated.
TSU:STA
Repeated Start Condition setup time
0.6
µs
TSU:STO
Stop Condition setup time
0.6
µs
THD:DAT
Data hold time
85
ns
TSU:DAT
Data setup time
100
ns
TTIMEOUT
Clock low time-out
25
35
ms
(1)
TLOW
Clock low period
1.5
µs
THIGH
Clock high period
0.6
µs
(2)
TLOW:SEXT
Cumulative clock low extend time (slave device)
25
ms
(3)
TLOW:MEXT
Cumulative low extend time (master device)
10
ms
(4)
TF
Clock or Data Fall Time
20
300
ns
(5)
TR
Clock or Data Rise Time
20
300
ns
(5)
(1)
Devices participating in a transfer will timeout when any clock low exceeds the value of TTIMEOUT,MIN of 25 ms. Devices that have
detected a timeout condition must reset the communication no later than TTIMEOUT,MAX of 35 ms. The maximum value must be adhered
to by both a master and a slave as it incorporates the cumulative stretch limit for both a master (10ms) and a slave (25ms).
(2)
THIGH MAX provides a simple method for devices to detect bus idle conditions.
(3)
TLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from the initial start to the stop. If
a slave exceeds this time, it is expected to release both its clock and data lines and reset itself.
(4)
TLOW:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of a message as defined from
start-to-ack, ack-to-ack, or ack-to-stop.
(5)
Rise and fall time is defined as follows:•
TR = ( VILMAX – 0.15) to (VIHMIN + 0.15)• TF = 0.9 VDD to (VILMAX – 0.15)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com