Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5064PMH/NOPB Datasheet(PDF) 54 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 54 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 53Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 54Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 55Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 56Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 57Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Alert Mask D8h
From PMBus
From other
fault inputs
ARA Auto Mask
Set
Clear
Fault Condition
ARA Operation Flag Succeeded
Clear_Fault Command Received
SMBA
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
SMBA RESPONSE
The SMBA effectively has two masks:
1. The Alert Mask Register at D8h, and
2. The ARA Automatic Mask.
The ARA Automatic Mask is a mask that is set in response to a successful ARA read. An ARA read operation
returns the PMBus address of the lowest addressed part on the bus that has its SMBA asserted. A successful
ARA read means that THIS part was the one that returned its address. When a part responds to the ARA read, it
releases the SMBA signal. When the last part on the bus that has an SMBA set has successfully reported its
address, the SMBA signal will de-assert.
The way that the LM5064 releases the SMBA signal is by setting the ARA Automatic mask bit for all fault
conditions present at the time of the ARA read. All status registers will still show the fault condition, but it will not
generate and SMBA on that fault again until the ARA Automatic mask is cleared by the host issuing a
CLEAR_FAULTS command to this part. This should be done as a routine part of servicing an SMBA condition on
a part, even if the ARA read is not done. Figure 21 depicts a schematic version of this flow.
Figure 21. Typical Flow Schematic for SMBA Fault
54
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com