Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6653 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6653 Datasheet HTML 25Page - Analog Devices AD6653 Datasheet HTML 26Page - Analog Devices AD6653 Datasheet HTML 27Page - Analog Devices AD6653 Datasheet HTML 28Page - Analog Devices AD6653 Datasheet HTML 29Page - Analog Devices AD6653 Datasheet HTML 30Page - Analog Devices AD6653 Datasheet HTML 31Page - Analog Devices AD6653 Datasheet HTML 32Page - Analog Devices AD6653 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
AD6653
Rev. 0 | Page 29 of 80
75
70
65
60
55
50
45
1
10
100
1000
INPUT FREQUENCY (MHz)
3.00ps
0.05ps
0.20ps
0.50ps
1.00ps
1.50ps
2.00ps
2.50ps
MEASURED
Figure 63. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD6653.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources. If the clock is generated from another type
of source (by gating, dividing, or another method), it should be
retimed by the original clock at the last step.
Refer to Application Note AN-501 and Application Note AN-756
for more information about jitter performance as it relates to
ADCs (see www.analog.com).
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 64 and Figure 65, the power dissipated by
the AD6653 is proportional to its sample rate. In CMOS output
mode, the digital power dissipation is determined primarily by the
strength of the digital drivers and the load on each output bit.
The maximum DRVDD current (IDRVDD) can be calculated by
IDRVDD = VDRVDD × fCLK × N
where N is the number of output bits (26, in the case of the
AD6653, assuming the FD bits are inactive).
This maximum current occurs when every output bit switches on
every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is established
by the average number of output bits switching, which is deter-
mined by the sample rate and the characteristics of the analog
input signal. Reducing the capacitive load presented to the output
drivers can minimize digital power consumption. The data in
Figure 64 and Figure 65 was taken using the same operating
conditions as those used for the Typical Performance
Characteristics, with a 5 pF load on each output driver.
1.50
1.25
1.00
0.75
0.50
0.25
0
0.6
IAVDD
IDVDD
IDRVDD
0.5
0.4
0.3
0.2
0.1
0
0
50
100
150
25
75
125
SAMPLE RATE (MSPS)
TOTAL POWER
Figure 64. AD6653-150 Power and Current vs. Sample Rate
1.50
1.25
1.00
0.75
0.50
0.25
0
0.6
IAVDD
IDVDD
IDRVDD
0.5
0.4
0.3
0.2
0.1
0
050
100
125
25
75
SAMPLE RATE (MSPS)
TOTAL POWER
Figure 65. AD6653-125 Power and Current vs. Sample Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD6653 is placed in power-down
mode. In this state, the ADC typically dissipates 2.5 mW.
During power-down, the output drivers are placed in a high
impedance state. Asserting the PDWN pin low returns the
AD6653 to its normal operating mode. Note that PDWN is
referenced to the digital output driver supply (DRVDD) and
should not exceed that supply voltage level. PDWN can be
driven with 1.8 V logic, even when DRVDD is at 3.3 V.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, the wake-up time is related to
the time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com