Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3875-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3875-ADJ
Description  LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3875-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP3875-ADJ Datasheet HTML 1Page - Texas Instruments LP3875-ADJ Datasheet HTML 2Page - Texas Instruments LP3875-ADJ Datasheet HTML 3Page - Texas Instruments LP3875-ADJ Datasheet HTML 4Page - Texas Instruments LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
IN
OUT
ADJ
GND
SD
IN
OUT
ADJ
SD
GND
1
2
3
4
5
Thermal Tab
is GND
3
LP3875-ADJ
www.ti.com
SNVS247E – SEPTEMBER 2003 – REVISED AUGUST 2016
Product Folder Links: LP3875-ADJ
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
KTT Package
5-Pin DDPAK/TO-263
Top View
NDC Package
5-Pin SOT-223
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
DDPAK/TO-263
SOT-223
ADJ
5
4
O
The ADJ pin is used to set the regulated output voltage by
connecting it to the external resistors R1 and R2.
GND
3
5
—
Ground
IN
2
2
I
Input supply
OUT
4
3
O
Output voltage
SD
1
1
I
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com