Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3875-ADJ Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3875-ADJ
Description  LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3875-ADJ Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3875-ADJ Datasheet HTML 9Page - Texas Instruments LP3875-ADJ Datasheet HTML 10Page - Texas Instruments LP3875-ADJ Datasheet HTML 11Page - Texas Instruments LP3875-ADJ Datasheet HTML 12Page - Texas Instruments LP3875-ADJ Datasheet HTML 13Page - Texas Instruments LP3875-ADJ Datasheet HTML 14Page - Texas Instruments LP3875-ADJ Datasheet HTML 15Page - Texas Instruments LP3875-ADJ Datasheet HTML 16Page - Texas Instruments LP3875-ADJ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
LP3875-ADJ
www.ti.com
SNVS247E – SEPTEMBER 2003 – REVISED AUGUST 2016
Product Folder Links: LP3875-ADJ
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
On the TO-263 (KTT) package, the primary conduction path for heat is through the thermal tab into the PCB. In
this package, the die is connected directly to the thermal pad and the heat generated in the die (junction) has a
direct path through the large thermal tab into the PCB copper area.
In the SOT-223 (NDC) package, the primary conduction path for heat is through the GND Tab (pin 5) into the
PCB. While the die (junction) is connected directly to the GND tab metal, this thermal path is longer and has a
higher thermal resistance value than the TO-263.
To ensure the best thermal performance, place as large of a copper area directly under the thermal tab as is
possible, and connect the thermal tab, through multiple thermal vias, to an internal ground plane with an
appropriate amount of copper PCB area.
Power dissipation and junction temperature are most often related by the junction-to-ambient thermal resistance
(RθJA) of the combined PCB and device package and the temperature of the ambient air (TA), according to
Equation 4 or Equation 5:
TJ(MAX) = TA(MAX) + (RθJA × PD(MAX))
(4)
PD(MAX) = (TJ(MAX) – TA(MAX)) / RθJA
(5)
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design, and
therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA recorded
in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and copper-
spreading area, and is to be used only as a relative measure of package thermal performance. For a well-
designed thermal layout layout for the TO-263 (KTT) , RθJA is actually the sum of the package junction-to-case
(bottom) thermal resistance (RθJCbot) plus the thermal resistance contribution by the PCB copper area acting as a
heat sink.
8.2.2.10 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (Ψ) thermal characteristics to estimate the junction
temperatures of surface mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (ΨJT and ΨJB) are given in Thermal Information and are
used in accordance with Equation 6 or Equation 7.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
where
•
PD(MAX) is explained in Equation 5
•
TTOP is the temperature measured at the center-top of the device package.
(6)
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
where
•
PD(MAX) is explained in Equation 5.
•
TBOARD is the PCB surface temperature measured 1-mm from the device package and centered on the
package edge.
(7)
For more information about the thermal characteristics ΨJT and ΨJB, see Semiconductor and IC Package Thermal
Metrics; for more information about measuring TTOP and TBOARD, see Using New Thermal Metrics; and for more
information about the EIA/JEDEC JESD51 PCB used for validating RθJA, see the Thermal Characteristics of
Linear and Logic Packages Using JEDEC PCB Designs. These application notes are available at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com