Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073R8I6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32U073R8I6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073R8I6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32U073R8I6 Datasheet HTML 45Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 46Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 47Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 48Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 49Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 50Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 51Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 52Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 146 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing running from flash memory, bypass mode, ART enabled
(cache ON, prefetch OFF), HSE clock used as system clock
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Run)
Supply current in Run mode
fHCLK = fHSE, bypass mode,
peripherals disabled
Range 1
48 MHz
3.75
3.75
3.85
3.95
4.10
4.1
4.15
4.3
4.5
4.9
mA
32 MHz
2.55
2.55
2.60
2.70
2.90
2.8
2.85
2.95
3.15
3.5
24 MHz
1.95
1.95
2.05
2.10
2.30
2.15
2.2
2.3
2.5
2.85
16 MHz
1.35
1.35
1.40
1.50
1.65
1.45
1.5
1.65
1.8
2.15
Range 2
16 MHz
1.10
1.15
1.20
1.25
1.40
1.25
1.25
1.35
1.5
1.85
8 MHz
0.620 0.630 0.675 0.745
0.895
0.68 0.705 0.795
0.94
1.255
4 MHz
0.365 0.375 0.415 0.480
0.630
0.4
0.425 0.505 0.645
0.955
2 MHz
0.235 0.245 0.285 0.350
0.500
0.26
0.28
0.36
0.5
0.805
1 MHz
0.170 0.185 0.220 0.285
0.435
0.19
0.21 0.285 0.425
0.73
400 kHz 0.135 0.145 0.180 0.245
0.395 0.145 0.17 0.245
0.38
0.685
100 kHz 0.115 0.125 0.160 0.225
0.375 0.125 0.145 0.22
0.36
0.665
IDD (LPRun)
Supply current in Low-power
run mode
Low-power
run
2 MHz
0.165 0.175 0.215 0.285
0.440
-
-
-
-
-
1 MHz
0.090 0.100 0.140 0.210
0.365
-
-
-
-
-
400 kHz 0.045 0.055 0.095 0.165
0.320
-
-
-
-
-
100 kHz 0.020 0.030 0.070 0.140
0.300
-
-
-
-
-
1. Evaluated by characterization, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com