Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073R8I6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32U073R8I6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073R8I6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32U073R8I6 Datasheet HTML 1Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 2Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 3Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 4Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 5Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 6Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 7Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 8Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
Features
Includes ST state-of-the-art patented technology.
Ultra-low-power features (ultra-low-power devices)
•
1.71 V to 3.6 V power supply
•
-40 °C to 85/125 °C temperature range
•
VBAT mode: 130 nA (with RTC and 9 x 32-bit backup registers)
•
Shutdown mode (6 wake-up pins): 16 nA
•
Standby mode (6 wake-up pins): 160 nA with RTC, 30 nA without RTC
•
Stop 2 mode: 825 nA with RTC, 695 nA without RTC
•
Run mode (LDO mode): 52 μA/MHz
•
Batch acquisition mode (BAM)
•
4 μs wake-up from Stop mode
•
Brownout reset (BOR)
Core
•
32-bit Arm® Cortex®-M0+ CPU, frequency up to 56 MHz
ART Accelerator
•
1-Kbyte instruction cache allowing 0-wait-state execution from flash memory
Benchmarks
•
1.13 DMIPS/MHz (Drystone 2.1)
•
134 CoreMark® (2.4 CoreMark/MHz at 56 MHz)
•
407 ULPMark™-CP
•
143 ULPMark™-PP
•
19.7 ULPMark™-CM
Memories
•
Up to 256-Kbyte single bank flash memory, proprietary code readout protection
•
40-Kbyte SRAM with hardware parity check
Rich analog peripherals (independent supply)
•
1x 12-bit ADC (0.4 µs conversion time), up to 16-bit with hardware
oversampling
•
1x 12-bit DAC output channel, low-power sample and hold
•
1x general-purpose operational amplifier with built-in PGA (variable gain up to
16)
•
2x ultra-low-power comparators
LCD driver
•
8×48 or 4×52 segments, with step-up converter
WLCSP42
(2.82 x 2.93 mm)
LQFP48
(7 x 7 mm)
LQFP64
(10 x 10 mm)
LQFP80
(12 x 12 mm)
UFQFPN32
(5 x 5 mm)
UFQFPN48
(7 x 7 mm)
UFBGA64
(5 x 5 mm)
UFBGA81
(5 x 5 mm)
FBGA
Product summary
STM32U073x8
STM32U073K8,
STM32U073H8,
STM32U073C8,
STM32U073R8,
STM32U073M8
STM32U073xB
STM32U073KB,
STM32U073HB,
STM32U073CB,
STM32U073RB,
STM32U073MB
STM32U073xC
STM32U073KC,
STM32U073HC,
STM32U073CC,
STM32U073RC,
STM32U073MC
Product label
Ultra-low-power Arm® Cortex®-M0+ 32-bit MCU, up to 256-Kbyte flash memory,
40-Kbyte SRAM, USB, LCD
STM32U073x8/B/C
Datasheet
DS14548 - Rev 2 - March 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32U073R8I6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U375CE STMICROELECTRONICS-STM32U375CE Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6GTR STMICROELECTRONICS-STM32U375CEI6GTR Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6GXXX STMICROELECTRONICS-STM32U375CEI6GXXX Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6QTR STMICROELECTRONICS-STM32U375CEI6QTR Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6QXXX STMICROELECTRONICS-STM32U375CEI6QXXX Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
More results

Similar Description - STM32U073R8I6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L073X8 STMICROELECTRONICS-STM32L073X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
22-Mar-2016
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L082KB STMICROELECTRONICS-STM32L082KB Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
STM32L010RB STMICROELECTRONICS-STM32L010RB Datasheet
1Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
07-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com