Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073R8I6 Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32U073R8I6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073R8I6 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32U073R8I6 Datasheet HTML 138Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 139Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 140Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 141Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 142Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 143Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 144Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 145Page - STMicroelectronics STM32U073R8I6 Datasheet HTML 146Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 143 / 146 page
background image
Table 47.
Wake-up time using USART/LPUART..................................................... 69
Table 48.
High-speed external user clock characteristics............................................... 70
Table 49.
Low-speed external user clock characteristics ............................................... 70
Table 50.
HSE oscillator characteristics .......................................................... 71
Table 51.
LSE oscillator characteristics (fLSE = 32.768 kHz)............................................. 72
Table 52.
HSI16 oscillator characteristics ......................................................... 73
Table 53.
MSI oscillator characteristics ........................................................... 74
Table 54.
HSI48 oscillator characteristics ......................................................... 77
Table 55.
LSI oscillator characteristics ........................................................... 78
Table 56.
PLL characteristics.................................................................. 78
Table 57.
Flash memory characteristics .......................................................... 79
Table 58.
Flash memory endurance and data retention ................................................ 80
Table 59.
EMS characteristics ................................................................. 80
Table 60.
EMI characteristics for fHSE = 8 MHz and fHCLK = 54 MHz ....................................... 81
Table 61.
ESD absolute maximum ratings ......................................................... 81
Table 62.
Electrical sensitivities ................................................................ 82
Table 63.
I/O current injection susceptibility ........................................................ 82
Table 64.
I/O static characteristics .............................................................. 82
Table 65.
Output voltage characteristics .......................................................... 84
Table 66.
I/O AC characteristics................................................................ 85
Table 67.
NRST pin characteristics.............................................................. 86
Table 68.
EXTI Input Characteristics............................................................. 87
Table 69.
Analog switches booster characteristics ................................................... 87
Table 70.
ADC characteristics ................................................................. 88
Table 71.
Maximum ADC RAIN ................................................................ 89
Table 72.
ADC accuracy ..................................................................... 91
Table 73.
TS characteristics .................................................................. 94
Table 74.
VBAT monitoring characteristics ......................................................... 94
Table 75.
VBAT charging characteristics .......................................................... 94
Table 76.
DAC characteristics ................................................................. 94
Table 77.
DAC accuracy ..................................................................... 96
Table 78.
VREFBUF characteristics ............................................................. 97
Table 79.
COMP characteristics................................................................ 99
Table 80.
OPAMP characteristics .............................................................. 100
Table 81.
LCD controller characteristics ......................................................... 102
Table 82.
TIMx characteristics ................................................................ 103
Table 83.
IWDG min/max timeout period at 32 kHz (LSI) .............................................. 103
Table 84.
WWDG min/max timeout at 56 MHz (PCLK) ............................................... 103
Table 85.
I2C analog filter characteristics ........................................................ 104
Table 86.
USART characteristics .............................................................. 105
Table 87.
SPI characteristics ................................................................. 107
Table 88.
USB electrical characteristics ......................................................... 109
Table 89.
UFQFPN32 - Mechanical data ..........................................................112
Table 90.
Tolerance of form and position ..........................................................112
Table 91.
Tolerance of form and position symbol definition .............................................113
Table 92.
WLCSP42 - Mechanical data...........................................................114
Table 93.
WLCSP42 - Example of PCB design rules..................................................116
Table 94.
LQFP48 - Mechanical data ............................................................117
Table 95.
UFQFPN48 - Mechanical data ......................................................... 121
Table 96.
LQFP64 - Mechanical data ........................................................... 122
Table 97.
UFBGA64 - Mechanical data .......................................................... 125
Table 98.
UFBGA64 - Recommended PCB design rules (0.50 mm pitch BGA)............................... 127
Table 99.
LQFP80 - Mechanical data ........................................................... 128
Table 100. UFBGA81 - Mechanical data .......................................................... 131
Table 101. UFBGA81 - Example of PCB design rules (0.50 mm pitch BGA) ................................. 133
STM32U073x8/B/C
List of tables
DS14548 - Rev 2
page 143/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com