Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 13 Page - Texas Instruments

Part # LPV531
Description  LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV531 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments LPV531 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
RINT
VINT
PROGRAMMABLE
BIAS GENERATOR
IPROG
LOW POWER
BIAS GERERATOR
IREF
ISTDB
VCC
VEE
OUT
+IN
-IN
BIAS
ISEL
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
APPLICATION INFORMATION
The LPV531 is an extremely versatile operational amplifier because performance and power consumption can be
adjusted during operation. This provides a method to dynamically optimize the supply current, the bandwidth and
the output short circuit current in the application. The power level can be set by the current drawn from the ISEL
pin according to the application performance requirements.
CIRCUIT TOPOLOGY
As shown in Figure 35, the LPV531 contains two internal bias reference generators that deliver a reference
current (IREF) to the amplifier core. The programmable bias generator generates a 110 mV reference voltage
(VINT). This reference voltage is converted into a programmable reference current (IPROG) through the internal
resistor (RINT) and the external resistor (REXT) connected to the ISEL pin. Internally, IPROG is added to the output
current from the low power bias generator (ISTDB). When the ISEL pin is left floating, IPROG equals zero and the IREF
equals ISTDB. The value of ISTDB is such that in this mode the power supply current is below 1 µA. In this 1 µA
power mode, the LPV531 is functional but performance over the full temperature range is not ensured. The 1 µA
power mode operation is only recommended for applications with a temperature range between 0 and 70°C.
Figure 35. Simplified Schematic
POWER MODE CONTROL
To illustrate typical configurations three possible solutions to control the power mode(s) of the LPV531 will be
described.
Single Power Mode
If the application requires one single power mode for the LPV531, then the easiest way to achieve this is to
connect a resistor (REXT) from the ISEL pin to V
−. Together with the internal circuitry, R
EXT will determine the
current drawn from the ISEL pin. Internally the ISEL pin is connected to an 11 kΩ internal series resistor (RINT)
which is biased at VINT = 110 mV. This set up is illustrated in Figure 36.
For a desired supply current, bandwidth, short circuit current, or load resistance, the required value of REXT can
be calculated using the equations in the section “DETERMINING THE ISEL LEVELS”.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com