Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV7215 Datasheet(PDF) 21 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 17Page - Texas Instruments LPV7215 Datasheet HTML 18Page - Texas Instruments LPV7215 Datasheet HTML 19Page - Texas Instruments LPV7215 Datasheet HTML 20Page - Texas Instruments LPV7215 Datasheet HTML 21Page - Texas Instruments LPV7215 Datasheet HTML 22Page - Texas Instruments LPV7215 Datasheet HTML 23Page - Texas Instruments LPV7215 Datasheet HTML 24Page - Texas Instruments LPV7215 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
-1
0
1
2
3
4
5
6
0
10
20
30
40
50
TIME (µs)
VOUT
Va
Vc
CC
2
3
A2
1
2
3
V
(R
R )
V
R
(R
R )
=
+
P
P
CC
2
A1
2
1
3
V
R
V
R
R
R
´
=
+
P
21
LPV7215
www.ti.com
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Applications (continued)
Consider the output of Figure 38 to be high to analyze the circuit. That implies that the inverted input (VC) is
lower than the noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC
increases until it is equal to the noninverting input. The value of VA at this point is in Equation 8.
(8)
If R1 = R2 = R3 then VA1 = 2 VCC/3
At this point the comparator switches pulling down the output to the negative rail. The value of VA at this point, as
shown in Equation 9:
(9)
If R1 = R2 = R3 then VA2 = VCC/3
The capacitor C1 now discharges through R4, and the voltage VC decreases until it is equal to VA2, at which point
the comparator switches again, bringing it back to the initial stage. The time period is equal to twice the time it
takes to discharge C1 from 2 VCC/3 to VCC/3, which is given by R4C1 × ln2. Hence the formula for the frequency is
given by Equation 10:
F = 1/(2 × R4 × C1 × ln2)
(10)
8.2.1.3 Application Curves
Figure 39 shows the simulated results of an oscillator using the following values:
1. R1 = R2 = R3 = R4 = 100 kΩ
2. C1 = 100 pF, CL = 20 pF
3. V+ = 5 V, V– = GND
4. CSTRAY (not shown) from Va to GND = 10 pF
Figure 39. Square Wave Oscillator Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com