Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV7215 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 4Page - Texas Instruments LPV7215 Datasheet HTML 5Page - Texas Instruments LPV7215 Datasheet HTML 6Page - Texas Instruments LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments LPV7215 Datasheet HTML 10Page - Texas Instruments LPV7215 Datasheet HTML 11Page - Texas Instruments LPV7215 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
LPV7215
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics: 5 V (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5 V, V− = 0 V, and V
CM = V
+/2, V
O= V
−. (1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
CMRR
Common-mode rejection ratio
VCM Stepped from
0 V to 3.9 V
TA = 25°C
72
98
dB
Temperature
extremes
66
VCM Stepped from
4.4 V to 5 V
TA = 25°C
73
92
Temperature
extremes
67
VCM Stepped from
0 V to 5 V
TA = 25°C
53
82
Temperature
extremes
49
PSRR
Power supply rejection ratio
V+ = 1.8 V to 5.5
V, VCM = 0 V
TA = 25°C
66
82
dB
Temperature
extremes
63
CMVR
Input common-mode voltage range
CMRR
≥ 40 dB
Temperature
extremes
−0.1
5.1
V
AV
Voltage gain
120
dB
VO
Output swing high
IO = 500 µA
TA = 25°C
4.9
4.94
V
Temperature
extremes
4.86
IO = 1 mA
TA = 25°C
4.82
4.89
Temperature
extremes
4.77
Output swing low
IO = −500 µA
TA = 25°C
43
90
mV
Temperature
extremes
130
IO = −1 mA
TA = 25°C
88
170
Temperature
extremes
230
IOUT
Output current
Source
VO = V
+/2
TA = 25°C
13
17
mA
Temperature
extremes
7.5
Sink
VO = V
+/2
TA = 25°C
14.5
19
Temperature
extremes
8.5
Propagation delay
(high to low)
Overdrive = 10 mV
18
µs
Overdrive = 100
mV
TA = 25°C
7.7
13.5
Temperature
extremes
16
Propagation delay
(low to high)
Overdrive = 10 mV
30
µs
Overdrive = 100
mV
TA = 25°C
12
15
Temperature
extremes
20
trise
Rise time
Overdrive = 10 mV
CL = 30 pF, RL = 1 MΩ
100
ns
Overdrive = 100 mV
CL = 30 pF, RL = 1 MΩ
100
tfall
Fall time
Overdrive = 10 mV
CL = 30 pF, RL = 1 MΩ
115
ns
Overdrive = 100 mV
CL = 30 pF, RL = 1 MΩ
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com