Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TLX-2.7/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5900TLX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900TLX-2.7/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5900TLX-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 18Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
COUT
IN
EN
OUT
CIN
LP5900SD
Power Ground
1
2
3
4
5
6
PAD
1
A2
B2
B1
A1
IN
OUT
Power Ground
EN
CIN
COUT
LP5900TL
15
LP5900
www.ti.com
SNVS358R – JULY 2005 – REVISED JUNE 2016
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The device is designed to operate from an input voltage supply range between 2.5 V and 5.5 V. This input supply
must be well regulated. To ensure that the LP5900 output voltage is well regulated, the input supply must be at
least VOUT + 1 V.
10.2 Layout Examples
Figure 18. DSBGA Layout
Figure 19. WSON Layout
10.3 DSBGA Mounting
The DSBGA package requires specific mounting techniques, which are detailed in AN-1112 DSBGA Wafer Level
Chip Scale Package (SNVA009). For best results during assembly, alignment ordinals on the PC board may be
used to facilitate placement of the DSBGA device.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com