Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TLX-2.7/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5900TLX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900TLX-2.7/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5900TLX-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5900TLX-2.7/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LP5900
SNVS358R – JULY 2005 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, specifications apply in Figure 16 with: VIN = VOUT (NOM) + 1 V, VEN = 1.2 V, CIN = COUT = 0.47 μF, IOUT
= 1 mA.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSIENT CHARACTERISTICS
ΔVOUT
Line transient(8)
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) +
1.6 V) in 30
μs, IOUT = 1 mA, –40°C ≤ TJ ≤
125°C
−2
mV
VIN = (VOUT(NOM) + 1.6 V) to (VOUT(NOM) +
1 V) in 30
μs, IOUT = 1 mA, –40°C ≤ TJ ≤
125°C
2
Load transient(8)
IOUT = 1 mA to 150 mA in 10 μs, –40°C ≤
TJ ≤ 125°C
−110
mV
IOUT = 150 mA to 1 mA in 10 μs, –40°C ≤
TJ ≤ 125°C
50
Overshoot on start-up(8)
–40°C
≤ TJ ≤ 125°C
20
mV
Turnon time
To 95% of VOUT(NOM)
150
300
μs
(1)
The minimum capacitance must be greater than 0.33 µF over the full range of operating conditions. The capacitor tolerance must be
30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application should be
considered during device selection to ensure this minimum capacitance specification is met. TI recommends X7R capacitors; however,
capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
6.6 Output and Input Capacitor, Recommended Specifications
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CIN
Input capacitance
Capacitance for stability
0.47
µF
Capacitance for stability, –40°C
≤ TJ ≤
125°C
0.33
COUT
Output capacitance
Capacitance for stability
0.47
Capacitance for stability, –40°C
≤ TJ ≤
125°C
0.33
10
ESR
Output/Input capacitance
5
500
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com