Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR1010NP-331M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCR1010NP-331M
Description  POWER INDUCTORS < Pin Type: RCR Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR1010NP-331M Datasheet(HTML) 1 Page - Sumida Corporation

  RCR1010NP-331M Datasheet HTML 1Page - Sumida Corporation RCR1010NP-331M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Type: RCR1010
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆
Product Description
・
10.5mm Max. φ, 10.5mm Max. Height.
・
Inductance Range: 10μH~1.0mH
・
Rated Current Range: 0.48~4.8A
・
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements
◆
Feature
・
Magnetically shielded construction.
・
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the
compounding machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
・
RoHS Compliance
◆
Dimensions (mm)
10.0±0.5
φ10.0±0.5
3.5
±1.0
4.0±0.3


Similar Part No. - RCR1010NP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR1010NP-331M SUMIDA-RCR1010NP-331M Datasheet
249Kb / 5P
PIN Power Inductor
More results

Similar Description - RCR1010NP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
POWER INDUCTORS < PIN Type: RC Series>
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
POWER INDUCTORS < Pin Type: RCP Series >
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-875D SUMIDA-RCR-875D Datasheet
64Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
POWER INDUCTORS < Pin Type: RX Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com