Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR1010NP-331M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR1010NP-331M
Description  POWER INDUCTORS < Pin Type: RCR Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR1010NP-331M Datasheet(HTML) 2 Page - Sumida Corporation

  RCR1010NP-331M Datasheet HTML 1Page - Sumida Corporation RCR1010NP-331M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Type: RCR1010
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Saturation Current
(A)※
1
Part Name
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Mounting
Holes
(mm)
※
3
(at 20℃)
(at 105℃)
Temperature
Rise current
(A)※
2
RCR1Ø1ØNP-1ØØM
100M
10μH±20%
25.1(20.1)
1.4
4.8
3.8
4.3
RCR1Ø1ØNP-12ØM
120M
12μH±20%
26.6(21.3)
1.4
4.5
3.5
4.2
RCR1Ø1ØNP-15ØM
150M
15μH±20%
31.3(25.1)
1.4
4.0
3.2
4.1
RCR1Ø1ØNP-18ØM
180M
18μH±20%
33.8(27.1)
1.4
3.8
2.9
4.0
RCR1Ø1ØNP-22ØM
220M
22μH±20%
38.3(30.6)
1.4
3.4
2.6
3.8
RCR1Ø1ØNP-27ØM
270M
27μH±20%
40.9(32.7)
1.4
3.0
2.5
3.6
RCR1Ø1ØNP-33ØM
330M
33μH±20%
53.8(43.1)
1.2
2.7
2.2
3.2
RCR1Ø1ØNP-39ØM
390M
39μH±20%
73.4(58.7)
1.2
2.5
2.0
2.5
RCR1Ø1ØNP-47ØM
470M
47μH±20%
102.1(81.7)
1.2
2.2
1.8
2.2
RCR1Ø1ØNP-56ØM
560M
56μH±20%
111.3(89.0)
1.2
2.1
1.7
2.1
RCR1Ø1ØNP-68ØM
680M
68μH±20%
137.5(110.0)
1.0
1.8
1.4
1.9
RCR1Ø1ØNP-82ØM
820M
82μH±20%
160.0(128.0)
1.0
1.7
1.3
1.8
RCR1Ø1ØNP-1Ø1M
101M
100μH±20%
175.3(140.2)
1.0
1.5
1.2
1.7
RCR1Ø1ØNP-121M
121M
120μH±20%
193.8(155.0)
1.0
1.4
1.1
1.6
RCR1Ø1ØNP-151M
151M
150μH±20%
225.6(180.5)
1.0
1.2
1.0
1.5
RCR1Ø1ØNP-181M
181M
180μH±20%
275.3(220.2)
1.0
1.1
0.9
1.4
RCR1Ø1ØNP-221M
221M
220μH±20%
313.0(250.5)
1.0
1.0
0.8
1.3
RCR1Ø1ØNP-271M
271M
270μH±20%
450.6(360.5)
1.0
0.95
0.74
1.0
RCR1Ø1ØNP-331M
331M
330μH±20%
500.6(400.5)
1.0
0.88
0.64
0.98
RCR1Ø1ØNP-391M
391M
390μH±20%
563.0(450.5)
1.0
0.78
0.60
0.94
RCR1Ø1ØNP-471M
471M
470μH±20%
748.8(599.0)
1.0
0.72
0.58
0.80
RCR1Ø1ØNP-561M
561M
560μH±20%
848.8(682.9)
1.0
0.68
0.55
0.75
RCR1Ø1ØNP-681M
681M
680μH±20%
1202(962.0)
1.0
0.60
0.48
0.63
RCR1Ø1ØNP-821M
821M
820μH±20%
1342(1074)
1.0
0.57
0.45
0.60
RCR1Ø1ØNP-1Ø2M
102M
1.0mH±20%
1490(1192)
1.0
0.48
0.39
0.55
※
1. Saturation current: The DC current at which the inductance decreases to 80% of it’s initial value.
※
2: Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
※
3. Please give sufficient consideration to the thickness of wire while mounted into the P.C.B.
(mounting holes mm)
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com