Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC4040 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC4040
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC4040 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC4040 Datasheet HTML 1Page - Silicon Supplies 54HC4040 Datasheet HTML 2Page - Silicon Supplies 54HC4040 Datasheet HTML 3Page - Silicon Supplies 54HC4040 Datasheet HTML 4Page - Silicon Supplies 54HC4040 Datasheet HTML 5Page - Silicon Supplies 54HC4040 Datasheet HTML 6Page - Silicon Supplies 54HC4040 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
www.siliconsupplies.com
Die Size (Unsawn)
760 x 560
30 x 22
µm
mils
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu
Back Metal Composition
N/A – Bare Si
High Speed CMOS Logic – 54HC4040
12-Stage Binary Ripple Counter in bare die form
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with CD4040B
Full Military Temperature Range.
Rev 1.0
15/09/25
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
The 54HC4040 is fabricated using an advanced 5V CMOS
process to combine high speed LSTTL performance with
CMOS low power. The device is a 12-stage asynchronous
binary counter with a clock input, an overriding
asynchronous master reset input and twelve parallel
outputs (Q1 to Q12). A high-to-low transition on the clock
input increments the counter. The active–high reset clears
all counter stages and forces all outputs low, independent of
clock state. Device inputs include clamp diodes that enable
the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
Description
Die Dimensions in µm (mils)
760 (30)
Ordering Guide


Similar Part No. - 54HC4040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54HC4046RP ETC-54HC4046RP Datasheet
223Kb / 9P
Phase-Locked Loop
More results

Similar Description - 54HC4040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com