| Electronic Components Datasheet Search |
|
CC3300MOD Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3300MOD Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 35 page ![]() Software SimpleLink Wi-Fi Toolbox SimpleLink Wi-Fi Toolbox is a collection of tools to help development and testing of the CC33xx. The Wi-Fi toolbox package provides all the capabilities required to debug and monitor WLAN/Bluetooth® Low Energy firmware with a host, perform RF validation tests, run pretest for regulatory certification testing, and debug hardware and software platform integration issues. CC33xx device drivers The CC33XX are single-chip Wi-Fi 6 and Bluetooth Low Energy 5.4 companion devices for both Linux- and RTOS-based systems. CC33XX-SOFTWARE is a collection of software development sources aimed to facilitate quick setup, out-of-box experience, and accelerate development in Linux or RTOS environments. 9.4 Documentation Support To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on Notifications to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. Application Reports CC33xx Production Line Guide Texas Instruments™ provides many resources to assist users in quickly examining the functionality and performance of the TI devices. This document provides the necessary information to guide the user in production line testing for CC33xx. The devices' functions can be checked using tools and software provided by Texas Instruments. Performance testing is more involved as external equipment is required for a thorough examination. SimpleLink CC33xx Security Features This document describes the CC33xx security-related features, which are made available to vendors through an ecosystem that incorporates simple and concise APIs, tools, and documentation SimpleLink CC33xx Host Interfaces This document describes the host interface between the host processor and CC33xx companion IC and provides the system designer with all the required technical information for easy integration User's Guides CC33xx WLAN Features User's Guide This document provides information about CC330xMOD family of devices and Wi-Fi® features, as well as TI proprietary enhancements. The document does not provide the complete application programming interface (API) set, but a high-level overview of the features. CC33xx Hardware Integration This document describes how to integrate the CC330xMOD into any system, and the hardware requirements for this device. Layout and schematic considerations are listed here as well, which TI highly recommends following to achieve the device performance listed in this data sheet. WFA QuickTrack Control Application with CC33xx User's Guide This document provides information about using the QuickTrack Control App to certify CC33xx devices according to Wi-Fi® standards. The document provides a high-level overview of the certification process. 9.5 Support Resources TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight from the experts. Search existing answers or ask your own question to get the quick design help you need. Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. CC3300MOD, CC3301MOD SWRS333A – JULY 2025 – REVISED AUGUST 2025 www.ti.com 28 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: CC3300MOD CC3301MOD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |