Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3300MOD Datasheet(PDF) 5 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 5 Page - Texas Instruments

  CC3300MOD Datasheet HTML 1Page - Texas Instruments CC3300MOD Datasheet HTML 2Page - Texas Instruments CC3300MOD Datasheet HTML 3Page - Texas Instruments CC3300MOD Datasheet HTML 4Page - Texas Instruments CC3300MOD Datasheet HTML 5Page - Texas Instruments CC3300MOD Datasheet HTML 6Page - Texas Instruments CC3300MOD Datasheet HTML 7Page - Texas Instruments CC3300MOD Datasheet HTML 8Page - Texas Instruments CC3300MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5 Pin Configuration and Functions
5.1 Pin Diagram
Figure 5-1 shows pin assignments for the 65-pin LGA package.
GND
28
43
27
26
25
24
23
22
21
20
19
18
17
16
29
15
44
45
46
47
48
49
50
51
52
53
54
55
56
1
GND
Host_IRQ_BLE
GND
59
61
62
65
58
63
60
64
57
GND
GND
GND
GND
GND
GND
GND
3V3_IN
GND
GND
GND
GND
3V3_IN
30
31
32
33
34
35
36
37
38
39
40
41
42
GND
SDIO CLK
SDIO CMD
SDIO_D3
SDIO_D2
SDIO_D1
SDIO_D0
Logger
Host_IRQ_WL
SWDIO
14
13
12
11
10
9
8
7
6
5
4
3
2
GND
SWCLK
GND
Figure 5-1. CC3301MOD Pin Diagram (Top View)
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com